Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65217B Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS65217B
Description  SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65217B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65217B Datasheet HTML 7Page - Texas Instruments TPS65217B Datasheet HTML 8Page - Texas Instruments TPS65217B Datasheet HTML 9Page - Texas Instruments TPS65217B Datasheet HTML 10Page - Texas Instruments TPS65217B Datasheet HTML 11Page - Texas Instruments TPS65217B Datasheet HTML 12Page - Texas Instruments TPS65217B Datasheet HTML 13Page - Texas Instruments TPS65217B Datasheet HTML 14Page - Texas Instruments TPS65217B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
TPS65217A, TPS65217B, TPS65217C, TPS65217D
www.ti.com
SLVSB64F – NOVEMBER 2011 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS (continued)
VBAT = 3.6 V ±5%, TJ = 27ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
External resistor divider (XADJ2 = 1)
0.6
VIN
Output voltage range
V
I2C selectable in 25-mV steps
0.9
3.3
(XADJ2 = 0)
VOUT
VIN = VOUT + 0.3 V to 5.8 V;
DC output voltage accuracy
-2
3
%
0 mA
≤ IOUT ≤ 1.2 A
IOUT = 1 mA, PFM mode
Power save mode (PSM) ripple voltage
40
mVpp
L = 2.2 µH, COUT = 20 µF
IOUT
Output current range
0
1.2
A
High side MOSFET on-resistance
VIN = 2.7 V
170
RDS(ON)
m
Ω
Low side MOSFET on-resistance
VIN = 2.7 V
120
High side MOSFET leakage current
VIN = 5.8 V
2
ILEAK
µA
Low side MOSFET leakage current
VDS = 5.8 V
1
Current limit (high and low side
ILIMIT
2.7 V < VIN < 5.8 V
1.6
A
MOSFET).
fSW
Switching frequency
1.95
2.25
2.55
MHz
VFB
Feedback voltage
XADJ = 1
600
mV
tSS
Soft-start time
Time to ramp VOUT from 5% to 95%, no load
750
µs
RDIS
Internal discharge resistor at L2
250
Ω
L
Inductor
1.5
2.2
µH
Output capacitor
Ceramic
10
22
µF
COUT
ESR of output capacitor
20
m
Ω
DCDC3 (BUCK)
VIN
Input voltage range
VIN_DCDC3 pin
2.7
VSYS
V
IQ,SLEEP
Quiescent current in SLEEP mode
No load, VSYS = 4 V, TA = 25°C
30
µA
External resistor divider (XADJ3 = 1)
0.6
VIN
Output voltage range
V
I2C selectable in 25-mV steps
0.9
1.5(3)
(XADJ3 = 0)
VOUT
VIN = VOUT + 0.3 V to 5.8 V;
DC output voltage accuracy
-2
3
%
0 mA
≤ IOUT ≤ 1.2 A
IOUT = 1 mA, PFM mode
Power save mode (PSM) ripple voltage
40
mVpp
L = 2.2 µH, COUT = 20 µF
IOUT
Output current range
0
1.2
A
High side MOSFET on-resistance
VIN = 2.7 V
170
RDS(ON)
m
Ω
Low side MOSFET on-resistance
VIN = 2.7 V
120
High side MOSFET leakage current
VIN = 5.8 V
2
ILEAK
µA
Low side MOSFET leakage current
VDS = 5.8 V
1
Current limit (high and low side
ILIMIT
2.7 V < VIN < 5.8 V
1.6
A
MOSFET).
fSW
Switching frequency
1.95
2.25
2.55
MHz
VFB
Feedback voltage
XADJ = 1
600
mV
tSS
Soft-start time
Time to ramp VOUT from 5% to 95%, no load
750
µs
RDIS
Internal discharge resistor at L1, L2
250
Ω
L
Inductor
1.5
2.2
µH
Output capacitor
Ceramic
10
22
µF
COUT
ESR of output capacitor
20
m
Ω
LDO1, LDO2
VIN
Input voltage range
1.8
5.8
V
IQ,SLEEP
Quiescent current in SLEEP mode
No load, VSYS = 4 V, TA = 25°C
5
µA
(3)
Contact factory for 3.3-V option.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65217A TPS65217B TPS65217C TPS65217D


Similar Part No. - TPS65217B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217B TI1-TPS65217B Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217B TI1-TPS65217B Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217B TI1-TPS65217B Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217BRSL TI1-TPS65217BRSL Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSL TI1-TPS65217BRSL Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
More results

Similar Description - TPS65217B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com