Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78L06F Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # LM78L06F
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L06F Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  LM78L06F Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM78L06F Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM78L06F Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM78L06F Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM78L06F Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L06F Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L06F Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L06F Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L06F Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78LXX
Jun. 2012 - Rev. 1.5
- 5
-
HTC
ELECTRICAL CHARACTERISTICS
LM78L05 (At specified virtual junction temperature, VIN = 10V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
4.8
5
5.2
1mA ≤ Io ≤ 40mA
7V ≤ VIN ≤ 20V
4.75
5
5.25
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
-30℃ ~
125℃
4.75
5
5.25
V
7V ≤ VIN ≤ 20V
32
150
Line Regulation
ΔVLINE
8V ≤ VIN ≤ 20V
25℃
26
100
mV
1mA ≤ Io ≤ 100mA
15
60
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
8
30
mV
25℃
3.8
6
Bias Current
IB
125℃
5.5
mA
9V ≤ VIN ≤ 20V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
-30℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
42
uV
Ripple Rejection
RR
8V ≤ VIN ≤ 18V, f=120Hz
25℃
41
49
dB
Dropout Voltage
VD
25℃
1.7
V
LM78L05A (At specified virtual junction temperature, VIN = 10V, Io = 40mA (Unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
(Note 1)
MIN.
TYP.
MAX.
UNIT
25℃
4.9
5
5.1
1mA ≤ Io ≤ 40mA
7V ≤ VIN ≤ 20V
4.875
5
5.125
Output Voltage
(Note 2)
VOUT
1mA ≤ Io ≤ 70mA
-30℃ ~
125℃
4.875
5
5.125
V
7V ≤ VIN ≤ 20V
32
150
Line Regulation
ΔVLINE
8V ≤ VIN ≤ 20V
25℃
26
100
mV
1mA ≤ Io ≤ 100mA
15
60
Load Regulation
ΔVLOAD
1mA ≤ Io ≤ 40mA
25℃
8
30
mV
25℃
3.8
6
Bias Current
IB
125℃
5.5
mA
9V ≤ VIN ≤ 20V
1.5
Bias Current Change
ΔIB
1mA ≤ Io ≤ 40mA
-30℃ ~
125℃
0.1
mA
Output Noise Voltage
VN
10Hz ≤ f ≤ 100kHz
25℃
42
uV
Ripple Rejection
RR
8V ≤ VIN ≤ 18V, f=120Hz
25℃
41
49
dB
Dropout Voltage
VD
25℃
1.7
V


Similar Part No. - LM78L06F

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM78L06F HTC-LM78L06F Datasheet
280Kb / 13P
   FIXED VOLTAGE REGULATOR
LM78L06F HTC-LM78L06F Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM78L06F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78L24A FAIRCHILD-KA78L24A Datasheet
78Kb / 16P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_09 Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com