Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65217BRSLR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65217BRSLR
Description  SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65217BRSLR Datasheet(HTML) 3 Page - Texas Instruments

  TPS65217BRSLR Datasheet HTML 1Page - Texas Instruments TPS65217BRSLR Datasheet HTML 2Page - Texas Instruments TPS65217BRSLR Datasheet HTML 3Page - Texas Instruments TPS65217BRSLR Datasheet HTML 4Page - Texas Instruments TPS65217BRSLR Datasheet HTML 5Page - Texas Instruments TPS65217BRSLR Datasheet HTML 6Page - Texas Instruments TPS65217BRSLR Datasheet HTML 7Page - Texas Instruments TPS65217BRSLR Datasheet HTML 8Page - Texas Instruments TPS65217BRSLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
DIGITAL
nRESET
from system host / uC
from system host / uC
PWR_EN
SYS
22m
Q 1
from USB connector
USB
Q 2
Lin Charger &
Power Path
MGMT
Single cell
Li+ Battery
10m
BAT
BAT_SENSE
to system load
4.7m
Q 1
from USB connector
AC
4.7m
NTC
TS
TEMP SENSE
VLDO1
to system
VLDO2
to system
2.2m
2.2m
SYS
4.7m
VINDO
LDO1
LDO2
SDA
from system host / uC
I2C
SCL
from system host / uC
VIO
VIO
BIAS
10m
100n
BYPASS
INT_LDO
WLED
Driver
4.7m
ISINK1
L4
FB_WLED
SYS
ISET1
ISINK2
ISET2
PB_IN
Momentatary Push Button
Always-on
supply
Up to 2x 10 LEDs
100k
Always-on
supply
100k
PGOOD
LDO_PGOOD
to system host / uC
to system host / uC
MUX
to system host / uC
100n
MUX_OUT
VBAT
VSYS
VICHARGE
VTS
from system
MUX_IN
nWAKEUP
nINT
to system host / uC
to system host / uC
100k
100k
VIO (always on)
VIO
I/O Voltage
VIO (always on)
VDCDC1
L1
to system
10m
SYS
4.7m
VIN_DCDC1
DCDC1
VDCDC2
L2
10m
DCDC2
to system
SYS
4.7m
VIN_DCDC2
to system
VDCDC3
L3
10m
SYS
4.7m
VIN_DCDC3
DCDC3
from 1.8V-5.8V supply
to system load
LS2_IN
LS2_OUT
from 1.8V-5.8V supply
to system load
LS1_IN
LS1_OUT
10m
10m
LOAD SW2 /
LDO4
LOAD SW1/
LDO3
TPS65217A, TPS65217B, TPS65217C, TPS65217D
www.ti.com
SLVSB64F – NOVEMBER 2011 – REVISED APRIL 2013
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65217A TPS65217B TPS65217C TPS65217D


Similar Part No. - TPS65217BRSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217BRSLR TI1-TPS65217BRSLR Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLR TI1-TPS65217BRSLR Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLR TI1-TPS65217BRSLR Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
More results

Similar Description - TPS65217BRSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com