Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65642YFFR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65642YFFR
Description  LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65642YFFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65642YFFR Datasheet HTML 2Page - Texas Instruments TPS65642YFFR Datasheet HTML 3Page - Texas Instruments TPS65642YFFR Datasheet HTML 4Page - Texas Instruments TPS65642YFFR Datasheet HTML 5Page - Texas Instruments TPS65642YFFR Datasheet HTML 6Page - Texas Instruments TPS65642YFFR Datasheet HTML 7Page - Texas Instruments TPS65642YFFR Datasheet HTML 8Page - Texas Instruments TPS65642YFFR Datasheet HTML 9Page - Texas Instruments TPS65642YFFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
TPS65642
SLVSBX6 – JULY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.3 V, VCORE = 1.1 V, VIO1 = 1.7 V, VIO2 = 1.8 V
(1), AV
DD = 8.1 V, VGH = 24 V, TA = −40°C to 85°C. Typical values are at
25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Offset
Code = 512
–25
25
mV
INL
Integral nonlinearity
No load, VGAMH = AVDD – 0.25 V, VGAML = 0.25 V
–3.6
5.9
LSB
DNL
Differential nonlinearity
No load, VGAMH = AVDD – 0.25 V, VGAML = 0.25 V
–1
1.5
LSB
PROGRAMMABLE VCOM CALIBRATOR
SETZSE
Set zero-scale error
–1
1
LSB
SETFSE
Set full-scale error
–7
7
LSB
VRSET
Voltage on RSET pin
IRSET=50 µA
–2%
1.25
2%
V
DNL
Differential nonlinearity
–1
1.5
LSB
VCM = AVDD/2, VOUT1 = 2 V, VOUT2 = AVDD – 2 V, RL=
AVOL
Open loop gain
70
91
dB
VIO
Input offset voltage
VCM = AVDD/2, VOUT = AVDD/2
–15
15
mV
IB
Input bias current
VCM = AVDD/2, VOUT = AVDD/2
–150
150
nA
VPOS = AVDD/2, VNEG = AVDD/2–1 V,
VDROPH
High-side voltage drop
0.05
0.1
V
IOUT = 10 mA sourcing
VPOS = AVDD/2, VNEG = AVDD/2+1 V,
VDROPL
Low-side voltage drop
0.03
0.1
V
IOUT = 10 mA sinking
High-side peak output current
200
294
VCM = AVDD/2, VSIGNAL = 2 VPP, open-loop,
IPK
mA
RL = ∞, CL = 1 µF
Low-side peak output current
–349
–200
CMRR
Common-mode rejection ratio
VCM1 = 2 V, VCM2 = AVDD–2 V, VOUT = AVDD/2
40
78
dB
PSRR
Power supply rejection ratio
AVDD1 = 6 V, AVDD2 = 9.1 V, VCM = 3 V, VOUT = 3 V
40
110
dB
TA = –40°C
18
30
Open-loop,
SR
Slew rate
V/
μs
VPOS = AVDD/2±1 V
TA = 25°C to 85°C
25
38
GATE VOLTAGE SHAPING
VGH to VGHM ON resistance
VGH = 24 V, IGHM = 10 mA, FLK = 2.5 V
12
25
rDS(ON)
VGHM = 24 V, IGHM = 10 mA, FLK = 0 V
12
25
Ω
VGHM to RE ON resistance
VGHM = 6 V, IGHM = 10 mA, FLK = 0 V
12
25
VGHM rising, 2.5 V, 50% thresholds, COUT = 150 pF, RE
tPLH
72
175
= 0
Ω
Propagation delay
ns
VGHM falling, 2.5 V, 50% thresholds, COUT = 150 pF,
tPHL
81
200
RE = 0 Ω
PANEL RESET / LCD BIAS READY (XAO)
VOL
Low output voltage
I
XAO = 1 mA (sinking)
0.23
0.5
V
IOH
High output current
V
XAO = 2.5 V
1
µA
XAO threshold voltage
2.2
3.9
XAO falling
VDET
Tolerance
–2.5%
2.5%
V
Hysteresis
XAO rising
3%
6.3%
11%
TIMING
Boost converter 1 delay range
0
70
tDLY1
ms
Tolerance
–20%
30%
Gate voltage shaping / LCD bias
0
35
ready delay range
tDLY6
ms
Tolerance
–20%
30%
Soft-start ramp time
0.5
4
tSS1
VCORE, VIO1, VIO2
ms
Tolerance
–20%
30%
Soft-start ramp time
4.0
7.5
tSS2
AVDD, VGH
ms
Tolerance
–20%
30%
tUVP
Undervoltage protection timeout
40
50
65
ms
I2C INTERFACE
Configuration parameters slave
74h
address
ADDR
Programmable VCOM slave address
4Fh
VIL
Low level input voltage
Rising Edge, standard and fast mode
0.75
V
6
Electrical Specifications
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS65642


Similar Part No. - TPS65642YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65642A TI1-TPS65642A Datasheet
3Mb / 77P
[Old version datasheet]   LCD Bias With Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
TPS65642AYFFR TI1-TPS65642AYFFR Datasheet
3Mb / 77P
[Old version datasheet]   LCD Bias With Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
More results

Similar Description - TPS65642YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65642A TI1-TPS65642A Datasheet
3Mb / 77P
[Old version datasheet]   LCD Bias With Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
logo
Nuvoton Technology Corp...
NAU8325 NUVOTON-NAU8325 Datasheet
1Mb / 57P
   Notebooks / Tablet PCs
logo
Toshiba Semiconductor
TPCA8081 TOSHIBA-TPCA8081 Datasheet
238Kb / 9P
   Notebook PCs Mobile Handsets
TPCA8082 TOSHIBA-TPCA8082 Datasheet
234Kb / 9P
   Notebook PCs Mobile Handsets
TPC8087 TOSHIBA-TPC8087 Datasheet
226Kb / 9P
   Notebook PCs Mobile Handsets
logo
Renesas Technology Corp
IDTP9165 RENESAS-IDTP9165 Datasheet
3Mb / 92P
   Programmable Multi Channel PMIC for Tablet PCs
January 27, 2014
logo
Toshiba Semiconductor
TPCA8078 TOSHIBA-TPCA8078 Datasheet
231Kb / 9P
   Notebook PCs Mobile Equipments
TPCF8305 TOSHIBA-TPCF8305 Datasheet
244Kb / 9P
   Notebook PCs Mobile Handsets
logo
API Technologies Corp
CMD319 APITECH-CMD319 Datasheet
119Kb / 1P
   PCS Duplexer With Bias Tee
logo
Silicon Mitus, Inc.
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
   Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com