Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82693 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82693
Description  High-Efficiency MicroSiP STEP-DOWN CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS82693 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS82693 Datasheet HTML 3Page - Texas Instruments TPS82693 Datasheet HTML 4Page - Texas Instruments TPS82693 Datasheet HTML 5Page - Texas Instruments TPS82693 Datasheet HTML 6Page - Texas Instruments TPS82693 Datasheet HTML 7Page - Texas Instruments TPS82693 Datasheet HTML 8Page - Texas Instruments TPS82693 Datasheet HTML 9Page - Texas Instruments TPS82693 Datasheet HTML 10Page - Texas Instruments TPS82693 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Gate Driver
Anti
Shoot-Through
Power Save Mode
Feedback Divider
+
-
Frequency
Control
R1
R2
L
GND
Soft-Start
EN
VIN
Current Limit
Detect
Undervoltage
Lockout
Bias Supply
Bandgap
Thermal
Shutdown
Negative Inductor
Current Detect
VIN
MODE
V
= 0.8 V
REF
V
REF
C
I
1µH
C
4.7µF
O
Switching
VOUT
DC/DC CONVERTER
4.7µF
SIP-8
(TOP VIEW)
SIP-8
(BOTTOMVIEW)
A1
B1
C1
A2
B2
C2
GND
MODE
VOUT
GND
A3
C3
VIN
EN
A3
C3
A2
B2
C2
GND
EN
VIN
GND
C1
VOUT
MODE
A1
B1
TPS82692 , TPS82693, TPS82694, TPS826951
TPS82697, TPS82698, TPS82699
www.ti.com
SLVSBF8A – MARCH 2013 – REVISED JULY 2013
PIN ASSIGNMENTS TPS8269X
PIN FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VOUT
A1
O
Power output pin. Apply output load between this pin and GND.
VIN
A2, A3
I
The VIN pins supply current to the TPS8269xSIP's internal regulator.
This is the enable pin of the device. Connecting this pin to ground forces the converter into
EN
B2
I
shutdown mode. Pulling this pin to VIN enables the device. This pin must not be left floating and
must be terminated.
This is the mode selection pin of the device. This pin must not be left floating and must be
terminated.
MODE = LOW: The device is operating in regulated frequency pulse width modulation mode
MODE
B1
I
(PWM) at high-load currents and in pulse frequency modulation mode (PFM) at light load
currents.
MODE = HIGH: Low-noise mode enabled, regulated frequency PWM operation forced.
GND
C1, C2, C3
Ground pin.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2013, Texas Instruments Incorporated
7
Product Folder Links: TPS82692 TPS82693 TPS82694 TPS826951 TPS82697 TPS82698 TPS82699


Similar Part No. - TPS82693

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82693 TI1-TPS82693 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82693SIP TI1-TPS82693SIP Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82693SIPR TI1-TPS82693SIPR Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82693SIPT TI1-TPS82693SIPT Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results

Similar Description - TPS82693

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com