Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92315 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92315
Description  Off-Line Primary-Side Sensing Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92315 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS92315 Datasheet HTML 5Page - Texas Instruments TPS92315 Datasheet HTML 6Page - Texas Instruments TPS92315 Datasheet HTML 7Page - Texas Instruments TPS92315 Datasheet HTML 8Page - Texas Instruments TPS92315 Datasheet HTML 9Page - Texas Instruments TPS92315 Datasheet HTML 10Page - Texas Instruments TPS92315 Datasheet HTML 11Page - Texas Instruments TPS92315 Datasheet HTML 12Page - Texas Instruments TPS92315 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
3.96
3.98
4.00
4.02
4.04
4.06
4.08
4.10
-25
0
25
50
75
100
125
TJ - Temperature (oC)
0
50
100
150
200
250
300
-25
0
25
50
75
100
125
TJ - Temperature (oC)
IVSNSL(run)
IVSNSL(stop)
0.00001
0.0001
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
35
VCC - Bias Supply Voltage (V)
VCC Turn OFF
VCC Turn ON
Start State
Run State
Wait State
0.0001
0.001
0.01
0.1
1
10
-25
0
25
50
75
100
125
TJ - Temperature (oC)
Run State, VCC = 25 V
Wait State, VCC = 25 V
Start State, VCC = 18 V
TPS92315
www.ti.com
SNVS904A – NOVEMBER 2012 – REVISED FEBRUARY 2013
TYPICAL CHARACTERISTICS
At VCC = 25 V, unless otherwise noted.
Figure 1. Bias Supply Current vs. Bias Supply Voltage
Figure 2. Bias Supply Current vs. Temperature
Figure 3. VSNS Regulation Voltage vs. Temperature
Figure 4. Line-Sense Current vs. Temperature
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS92315


Similar Part No. - TPS92315

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92310 TI1-TPS92310 Datasheet
429Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92310DGS TI1-TPS92310DGS Datasheet
865Kb / 23P
[Old version datasheet]   TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92310DGS/NOPB TI1-TPS92310DGS/NOPB Datasheet
865Kb / 23P
[Old version datasheet]   TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92310DGSR/NOPB TI1-TPS92310DGSR/NOPB Datasheet
865Kb / 23P
[Old version datasheet]   TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92311 TI1-TPS92311 Datasheet
432Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
More results

Similar Description - TPS92315

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92314 TI-TPS92314 Datasheet
916Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92310 TI1-TPS92310 Datasheet
429Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92314DR TI-TPS92314DR Datasheet
922Kb / 26P
[Old version datasheet]   Off-Line Primary Side Sensing Controller with PFC
TPS92310DGS TI1-TPS92310DGS Datasheet
865Kb / 23P
[Old version datasheet]   TPS92310 Off-Line Primary Side Sensing Controller With PFC
TPS92311 TI1-TPS92311_14 Datasheet
332Kb / 24P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
TPS92311 TI1-TPS92311 Datasheet
432Kb / 19P
[Old version datasheet]   Off-Line Primary Side Sensing Converter with PFC
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com