Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82697 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82697
Description  High-Efficiency MicroSiP STEP-DOWN CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS82697 Datasheet(HTML) 2 Page - Texas Instruments

  TPS82697 Datasheet HTML 1Page - Texas Instruments TPS82697 Datasheet HTML 2Page - Texas Instruments TPS82697 Datasheet HTML 3Page - Texas Instruments TPS82697 Datasheet HTML 4Page - Texas Instruments TPS82697 Datasheet HTML 5Page - Texas Instruments TPS82697 Datasheet HTML 6Page - Texas Instruments TPS82697 Datasheet HTML 7Page - Texas Instruments TPS82697 Datasheet HTML 8Page - Texas Instruments TPS82697 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TPS82692 , TPS82693, TPS82694, TPS826951
TPS82697, TPS82698, TPS82699
SLVSBF8A – MARCH 2013 – REVISED JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
PACKAGE
PART
OUTPUT
DEVICE
TA
ORDERING(3)
MARKING
NUMBER
VOLTAGE(2)
SPECIFIC FEATURE
CHIP CODE
800mA peak output current
TPS82692
2.2V(4)
Spread Spectrum Frequency
TPS82692SIP
Modulation
800mA peak output current
Spread Spectrum Frequency
TPS82693
2.85V
TPS82693SIP
W3
Modulation
Output Discharge
800mA peak output current
TPS82694
2.95V(4)
Spread Spectrum Frequency
TPS82694SIP
Modulation
-40°C to 85°C
TPS826951
2.5V(4)
800mA peak output current
TPS826951SIP
DO
TPS82697
2.8V
800mA peak output current
TPS82697SIP
C2
800mA peak output current
Output Discharge
TPS82698
3.0V
TPS82698SIP
WN
Spread Spectrum Frequency
Modulation
500mA peak output current
TPS82699
3.2V(4)
TPS82699SIP
Output Discharge
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Internal tap points are available to facilitate output voltages in 50mV increments.
(3)
The SIP package is available in tape and reel. Add a R suffix (e.g. TPS82699SIPR) to order quantities of 3000 parts. Add a T suffix (e.g.
TPS82699SIPT) to order quantities of 250 parts.
(4)
Product preview. Contact TI factory for more information
2
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS82692 TPS82693 TPS82694 TPS826951 TPS82697 TPS82698 TPS82699


Similar Part No. - TPS82697

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82697 TI1-TPS82697 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82697 TI1-TPS82697 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS826970SIPR TI1-TPS826970SIPR Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS826970SIPT TI1-TPS826970SIPT Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82697SIP TI1-TPS82697SIP Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
More results

Similar Description - TPS82697

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com