Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28740DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28740DR
Description  Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28740DR Datasheet(HTML) 2 Page - Texas Instruments

  UCC28740DR Datasheet HTML 1Page - Texas Instruments UCC28740DR Datasheet HTML 2Page - Texas Instruments UCC28740DR Datasheet HTML 3Page - Texas Instruments UCC28740DR Datasheet HTML 4Page - Texas Instruments UCC28740DR Datasheet HTML 5Page - Texas Instruments UCC28740DR Datasheet HTML 6Page - Texas Instruments UCC28740DR Datasheet HTML 7Page - Texas Instruments UCC28740DR Datasheet HTML 8Page - Texas Instruments UCC28740DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
UCC28740
SLUSBF3A – JULY 2013 – REVISED JULY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PRODUCT INFORMATION(1)
PACKAGE
PINS
ORDERABLE
MINIMUM SWITCHING
OPTIONS
DEVICES
FREQUENCY (Hz)
SOIC (D)
7
UCC28740D
170
(1)
See Orderable Addendum for specific device ordering information.
ABSOLUTE MAXIMUM RATINGS
(1)
MIN
MAX
UNIT
Start-up pin voltage, HV
VHV
700
V
Bias supply voltage, VDD
VVDD
38
Continuous gate-current sink
IDRV
50
Continuous gate-current source
IDRV
Self-limiting
mA
Peak current, VS
IFB
1
Peak current, FB
IVS
−1.2
Gate-drive voltage at DRV
VDRV
−0.5
Self-limiting
CS
−0.5
5
V
Voltage range
FB
−0.5
7
VS
−0.75
7
Operating junction temperature range
TJ
−55
150
Storage temperature
TSTG
−65
150
°C
Lead temperature 0.6 mm from case for 10 seconds
260
Human-body model (HBM)
2000
ESD rating
V
Charged-device model (CDM)
500
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages
are with respect to GND. Currents are positive into, negative out of the specified terminal. These ratings apply over the operating
ambient temperature ranges unless otherwise noted.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: UCC28740


Similar Part No. - UCC28740DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28740 TI1-UCC28740 Datasheet
822Kb / 39P
[Old version datasheet]   UCC28740-Q1 Ultra Low Standby, Flyback Controller for Automotive, with Integrated HV Startup and Optocoupler Feedback
UCC28740-Q1 TI1-UCC28740-Q1 Datasheet
822Kb / 39P
[Old version datasheet]   UCC28740-Q1 Ultra Low Standby, Flyback Controller for Automotive, with Integrated HV Startup and Optocoupler Feedback
UCC28740QDRQ1 TI1-UCC28740QDRQ1 Datasheet
822Kb / 39P
[Old version datasheet]   UCC28740-Q1 Ultra Low Standby, Flyback Controller for Automotive, with Integrated HV Startup and Optocoupler Feedback
UCC28740 TI-UCC28740_15 Datasheet
1Mb / 37P
[Old version datasheet]   UCC28740 Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
More results

Similar Description - UCC28740DR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP9268 EUTECH-EUP9268 Datasheet
147Kb / 1P
   Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
logo
Texas Instruments
UCC28740 TI-UCC28740_15 Datasheet
1Mb / 37P
[Old version datasheet]   UCC28740 Constant-Voltage Constant-Current Flyback Controller Using Opto-Coupled Feedback
logo
SHENZHEN FUMAN ELECTRON...
FM3772B FUMAN-FM3772B Datasheet
538Kb / 9P
   Self-powered constant current / constant voltage primary feedback controller
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com