Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA2690T1R Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPA2690T1R
Description  COMPLEMENTARY MOSFET Low on-state resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2690T1R Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPA2690T1R Datasheet HTML 3Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 4Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 5Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 6Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 7Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 8Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 9Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 10Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
μPA2690T1R
R07DS1000EJ0101 Rev.1.01
Page 9 of 10
Mar 04, 2013
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE
VOLTAGE
0
20
40
60
80
100
120
140
160
-50
0
50
100
150
Pulsed
ID =
1.5A
VGS =
1.8V
4.5V
2.5V
Tch - Channel Temperature - °C
10
100
1000
-0.1
-1
-10
-100
VGS = 0V
f = 1.0MHz
Crss
Ciss
Coss
VDS – Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
0.1
1
10
100
td(on)
tr
td(off)
tf
VDD =
10V
VGS =
4.0V
RG = 6Ω
ID - Drain Current - A
-0
-1
-2
-3
-4
-5
-0
-5
-10
-15
-20
-25
01
234
56
VDD=
16V
10V
4V
ID =
3.0A
VGS
VDS
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
0.01
0.1
1
10
100
00.5
11.5
Pulsed
VGS =0V
VF(S–D) - Drain to Source Voltage - V


Similar Part No. - UPA2690T1R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2600T1R RENESAS-UPA2600T1R Datasheet
245Kb / 7P
   N-CHANNEL MOSFET 20 V, 7.0 A, 13.8 m
UPA2600T1R-E2-AX RENESAS-UPA2600T1R-E2-AX Datasheet
245Kb / 7P
   N-CHANNEL MOSFET 20 V, 7.0 A, 13.8 m
UPA2610 RENESAS-UPA2610 Datasheet
304Kb / 11P
   MOS FIELD EFFECT TRANSISTOR
2004
UPA2610T1C RENESAS-UPA2610T1C Datasheet
304Kb / 11P
   MOS FIELD EFFECT TRANSISTOR
2004
UPA2630T1R RENESAS-UPA2630T1R Datasheet
247Kb / 7P
   P-CHANNEL MOSFET -12 V, -7.0 A, 28 m
More results

Similar Description - UPA2690T1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4595 TI1-MAX4595_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4594 TI1-MAX4594_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4597 TI1-MAX4597_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
logo
Sanken electric
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
logo
Renesas Technology Corp
N0604N-S19-AY RENESAS-N0604N-S19-AY Datasheet
148Kb / 8P
   N-channel MOSFET Low on-state resistance
logo
NXP Semiconductors
PSMN006-20K518 NXP-PSMN006-20K518 Datasheet
261Kb / 12P
   Very low on-state resistance
Rev. 01-30 May 2002
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com