Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

475940002 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 475940002
Description  LGA1366 SOCKET FULL ASSEMBLY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

475940002 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

  475940002 Datasheet HTML 1Page - Molex Electronics Ltd. 475940002 Datasheet HTML 2Page - Molex Electronics Ltd. 475940002 Datasheet HTML 3Page - Molex Electronics Ltd. 475940002 Datasheet HTML 4Page - Molex Electronics Ltd. 475940002 Datasheet HTML 5Page - Molex Electronics Ltd. 475940002 Datasheet HTML 6Page - Molex Electronics Ltd. 475940002 Datasheet HTML 7Page - Molex Electronics Ltd. 475940002 Datasheet HTML 8Page - Molex Electronics Ltd. 475940002 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image


Similar Part No. - 475940002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
475940001 MOLEX6-475940001 Datasheet
1Mb / 6P
   1.016mm (.040") by 1.016mm (.040") Pitch LGA Server CPU Socket, 0.38關m (15關") Gold(Au) Plating, 1366 Circuits, Lead-free
More results

Similar Description - 475940002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1571994-0 MACOM-2-1571994-0 Datasheet
92Kb / 1P
   ASSEMBLY SOCKET
logo
Harwin Plc
H8502-01 HARWIN-H8502-01 Datasheet
81Kb / 1P
   0.8mm SOCKET ASSEMBLY0.8mm SOCKET ASSEMBLY
H3183-01 HARWIN-H3183-01 Datasheet
84Kb / 1P
   1.00mm SOCKET ASSEMBLY
H8501-01 HARWIN-H8501-01 Datasheet
80Kb / 1P
   0.8mm SOCKET ASSEMBLY
H3169-01 HARWIN-H3169-01 Datasheet
90Kb / 1P
   1.00mm SOCKET ASSEMBLY
logo
Amphenol Communications...
10169537 AMPHENOLCS-10169537 Datasheet
953Kb / 2P
   SOCKET ASSEMBLY DURAEV
Rev. 1
logo
List of Unclassifed Man...
XSX-MKT2 ETC-XSX-MKT2 Datasheet
115Kb / 1P
   ASSEMBLY SOCKET STRIP
logo
Harwin Plc
H3161-01 HARWIN-H3161-01 Datasheet
109Kb / 1P
   1.00mm SOCKET ASSEMBLY
H3185-01 HARWIN-H3185-01 Datasheet
85Kb / 1P
   1.00mm SOCKET ASSEMBLY
H3194-01 HARWIN-H3194-01 Datasheet
85Kb / 1P
   1.00mm SOCKET ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com