Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596T Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM2596T
Description  3.0A, 150kHz, Step-Down Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2596T Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM2596T Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3.0A, 150kHz, Step-Down Switching Regulator
LM2596
Typical Application (Fixed Output Voltage Versions)
Figure 1. Block Diagram and Typical Application
ABSOLUTE MAXIMUM RATINGS
(Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.)
V
V
V
℃/W
℃/W
W
℃/W
℃/W
W
150
kV
5.0
-60 to +150
2.0
260
65
5.0
Internally Limited
70
-0.3V ≤ V ≤ +Vin
- 1.0
Internally Limited
Tstg
-
-
TJ
PθJC
PD
PθJA
PθJC
Maximum Junction Temperature
Symbol
Unit
Value
Vin
45
-
-
PD
PθJA
Storage Temperature Range
Minimum ESD Rating(Human Body Model :
C=100 pF, R=1.5㏀)
Lead Temperature (Soldering,10seconds)
Rating
Maximum Supply Voltage
On/Off Pin Input Voltage
Output Voltage to Ground (Steady-State)
Power Dissipation
TO-220 5Lead
Thermal Resistance, Juntion to Ambient
Thermal Resistance, Juntion to Case
TO-263 5Lead
HTC
2 −
Thermal Resistance, Juntion to Ambient
Thermal Resistance, Juntion to Case
680 uF
220 uF
1N5824
33 uH
LM2596-5.0


Similar Part No. - LM2596T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2596T ETC1-LM2596T Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
National Semiconductor ...
LM2596T-12 NSC-LM2596T-12 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596T-12 ETC1-LM2596T-12 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Texas Instruments
LM2596T-12 TI1-LM2596T-12 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596T-12 TI1-LM2596T-12 Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
More results

Similar Description - LM2596T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
   60V, 3A, 150kHz, Step-down Switching Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
[Old version datasheet]   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com