Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596T Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # LM2596T
Description  3.0A, 150kHz, Step-Down Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2596T Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  LM2596T Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2596T Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3.0A, 150kHz, Step-Down Switching Regulator
LM2596
HTC
5 −
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 2)


Similar Part No. - LM2596T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2596T ETC1-LM2596T Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
National Semiconductor ...
LM2596T-12 NSC-LM2596T-12 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596T-12 ETC1-LM2596T-12 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Texas Instruments
LM2596T-12 TI1-LM2596T-12 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596T-12 TI1-LM2596T-12 Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
More results

Similar Description - LM2596T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2596 ETC1-LM2596 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
   60V, 3A, 150kHz, Step-down Switching Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
[Old version datasheet]   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com