Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITR-D3T-SD6-A Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # ITR-D3T-SD6-A
Description  1310/1490/1555nm Integrated Triplexer Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

ITR-D3T-SD6-A Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button ITR-D3T-SD6-A Datasheet HTML 2Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 3Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 4Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 5Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 6Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 7Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 8Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 9Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ITR-D3T-SD6-A
DS-5863 Rev 01
Pin Definitions
Refer to Table 10 for a description of the function of each I/O pin.
Table 10 - Module Pin Definitions
Pin Number
Label
Definition
1
GND_A
Common ground
2
GND_Rx
Digital Rx ground
3
Vcc_Rx
Digital Rx Vcc
4
SD
Signal Detect output. LVTTL with internal 3.3k
Ω pull-up. Asserts HIGH when input optical signal level
is above threshold.
5
RXD+
RX data output, CML. 50Ω terminated to Vcc and AC coupled to module output (0.1
µF).
6
RXD-
RX data bar output, CML. 50Ω terminated to Vcc and AC coupled to module output (0.1
µF).
7
BEN+
Burst Enable input, CML. Internally DC coupled. 100Ω differential termination.
8
BEN-
Burst Enable bar input, CML. Internally DC coupled. 100Ω differential termination.
9
GND_Tx
Digital Tx ground
10
TXD+
Tx data input, CML. Internally DC coupled. 100Ω differential termination.
11
GND_Tx
Digital Tx ground
12
TXD-
Tx data bar input, CML. Internally DC coupled. 100Ω differential termination.
13
Vcc_Tx
Digital Tx Vcc
14
SDA
I2C Data input/output. LVTTL
15
SCL
I2C Clock input. LVTTL
16
INT
Interrupt output. LVTTL with internal 100k
Ω pull-up. Active LOW.
17
Vdd_+12V
Video Rx 12V Vdd
18
Vcc_3.3V
Microcontroller Vcc
19
Reset
Reset input. LVTTL. Internal pull up. Active low.
20
GND_A
Common ground
21
RF_GND
RF ground
22
RF_SIGNAL
RF signal
23
RF_GND
RF ground


Similar Part No. - ITR-D3T-SD6-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-4 SOURCE-ITR-D3T-SD6-4 Datasheet
327Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
More results

Similar Description - ITR-D3T-SD6-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
ITR-D3T-SD9 SOURCE-ITR-D3T-SD9 Datasheet
577Kb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-4 SOURCE-ITR-D3T-SD6-4 Datasheet
327Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD5-2 SOURCE-ITR-D3T-SD5-2 Datasheet
1Mb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
SFX-34-24T-HP-XDFH SOURCE-SFX-34-24T-HP-XDFH Datasheet
377Kb / 15P
   1310/1490 Integrated Diplexer Transceiver
logo
OPLINK Communications I...
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTX-S0034 OPLINK-MWDMGFTTX-S0034 Datasheet
152Kb / 2P
   Green FTTX 1310/1490/1550 WDM
logo
Optoway Technology Inc
SPB-9920MG OPTOWAY-SPB-9920MG Datasheet
177Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9940MG OPTOWAY-SPB-9940MG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9805MG OPTOWAY-SPB-9805MG Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com