Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ4230GRS-2.5V-3L Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

Part # TJ4230GRS-2.5V-3L
Description  3A Ultra Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ4230GRS-2.5V-3L Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

  TJ4230GRS-2.5V-3L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-3L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-3L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-3L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-3L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-3L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-3L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-3L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-3L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
3A Ultra Low Dropout Linear Regulator
TJ4230
Apr. 2011 – Rev. 1. 0
8/9
HTC
where TJ is the junction temperature, TC is the case temperature, TA is the ambient temperature, PD is the
total power dissipation of the device, θCA is the thermal resistance of case-to-ambient, θJC is the thermal
resistance of junction-to-case, and θJA is the thermal resistance of junction to ambient.
The total power dissipation of the device is given by:
PD = PIN – POUT = (VIN X IIN)–(VOUT X IOUT)
= (VIN X (IOUT+IGND)) – (VOUT X IOUT) = (VIN - VOUT) X IOUT + VIN X IGND
where IGND is the operating ground current of the device which is specified at the Electrical Characteristics.
The maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax)
of the application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax – TAmax
The maximum allowable value for junction-to-ambient thermal resistance, θJA, can be calculated using the
formula:
θJA = TRmax / PD
TJ4230 is available in SOP8-PP, TO252 and TO263 packages. The thermal resistance depends on
amount of copper area or heat sink, and on air flow.
If proper cooling solution such as heat sink, copper plane area, or air flow is applied, the maximum
allowable power dissipation could be increased. However, if the ambient temperature is increased, the
allowable power dissipation would be decreased.
The graph above is valid for the thermal impedance specified in the Absolute Maximum Ratings section
on page 1.


Similar Part No. - TJ4230GRS-2.5V-3L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ4203GQ-ADJ HTC-TJ4203GQ-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GQ-X.X HTC-TJ4203GQ-X.X Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GSF5-ADJ HTC-TJ4203GSF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GSF5-X.X HTC-TJ4203GSF5-X.X Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GTF5-ADJ HTC-TJ4203GTF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ4230GRS-2.5V-3L

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com