Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR35J Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # AR35J
Description  HIGH CURRENT AUTOMOBILE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

AR35J Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  AR35J Datasheet HTML 1Page - HY ELECTRONIC CORP. AR35J Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
ARS35,AR35 SERIES
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG. 1
– FORWARD CURRENT DERATING CURVE
TERMINAL TEMPERATURE (℃)
20
10
0
0
30
40
50
25
50
75
100
125
175
150
SINGLE PHASE HALF WAVE
RESISTIVE OR INDUCTIVE LOAD.
CAPACITIVE LOAD
IPK/IAV=5,10 & 20
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.6
1.0 1.2
2.0
2.6
1.8
2.2 2.4
1.4 1.6
0.8
600
20
10
5
2
1
0.5
0.2
200
100
50
700
TJ = 25
PULSEWIDTH=300us
2% DUTY CYCLE
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED
PEAK REVERSE VOLTAGE,(%)
1
0.1
10
0
20
40
80
140
60
100
120
100
40
20
4
2
0.4
0.2
TJ=100
TJ=25
NUMBER OF CYCLES @ 60HZ
FIG.2- NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
50
200
1000
100
500
5
1
2
10
20
50
100
PULSE WIDTH 8.3ms
SINGLE Half-Sine-Wave
(JEDEC METHOD)
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
50
500
100
1000
5
1
2
10
20
50
100
10
20
5
TJ=25


Similar Part No. - AR35J

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR35J WTE-AR35J Datasheet
52Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
AR35J TSC-AR35J Datasheet
73Kb / 2P
   35.0 AMPS. High Current Plastic Silicon Rectifiers
logo
Won-Top Electronics
AR35J WTE-AR35J Datasheet
68Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
AR35J TSC-AR35J Datasheet
289Kb / 2P
   35.0 AMPS. High Current Button Rectifiers
AR35J TSC-AR35J Datasheet
562Kb / 2P
   35.0 AMPS. High Current Button Rectifiers
More results

Similar Description - AR35J

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DF70P HY-DF70P Datasheet
372Kb / 3P
   High Current Automobile Rectifier
AR25A HY-AR25A_V01 Datasheet
377Kb / 3P
   High Current Automobile Rectifier
AR50A HY-AR50A_V01 Datasheet
377Kb / 3P
   High Current Automobile Rectifier
AR35A HY-AR35A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
ARS25A HY-ARS25A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
ARS50A HY-ARS50A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
DB35P HY-DB35P Datasheet
366Kb / 3P
   High Current Automobile Rectifier
DV354P HY-DV354P Datasheet
363Kb / 3P
   High Current Automobile Rectifier
AR25A HY-AR25A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
AR50A HY-AR50A_17 Datasheet
140Kb / 3P
   HIGH CURRENT AUTOMOBILE RECTIFIER
ARS25A-ARS25M HY-ARS25A-ARS25M Datasheet
34Kb / 2P
   HIGH CURRENT AUTOMOBILE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com