Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHLP2020CZER4R7M11 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IHLP2020CZER4R7M11
Description  Low Profile, High Current IHLP Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHLP2020CZER4R7M11 Datasheet(HTML) 3 Page - Vishay Siliconix

  IHLP2020CZER4R7M11 Datasheet HTML 1Page - Vishay Siliconix IHLP2020CZER4R7M11 Datasheet HTML 2Page - Vishay Siliconix IHLP2020CZER4R7M11 Datasheet HTML 3Page - Vishay Siliconix IHLP2020CZER4R7M11 Datasheet HTML 4Page - Vishay Siliconix IHLP2020CZER4R7M11 Datasheet HTML 5Page - Vishay Siliconix IHLP2020CZER4R7M11 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IHLP-2020CZ-11
www.vishay.com
Vishay Dale
Revision: 13-Sep-12
3
Document Number: 34260
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS
IHLP-2020CZ-11 4.7 μH
0
1
2
3
5
02
8
0
20
60
80
100
DC CURRENT (A)
4
40
4
L
ΔT °C
1357
6
IHLP-2020CZ-11 5.6 μH
0
2
4
6
10
02
7
0
20
60
80
100
DC CURRENT (A)
8
40
4
L
ΔT °C
135
6
IHLP-2020CZ-11 10 μH
0
4
8
12
20
024
0
20
60
80
100
DC CURRENT (A)
16
40
L
ΔT °C
13
IHLP-2020CZ-11 22 μH
0
5
10
15
25
0
1.0
3.0
0
20
60
80
100
DC CURRENT (A)
20
40
2.0
L
ΔT °C
0.5
1.5
2.5


Similar Part No. - IHLP2020CZER4R7M11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP2020CZER4R7M11 VISHAY-IHLP2020CZER4R7M11 Datasheet
302Kb / 6P
   Low Profile, High Current IHLP® Inductor
Revision: 13-Sep-12
IHLP2020CZER4R7M11 VISHAY-IHLP2020CZER4R7M11 Datasheet
744Kb / 6P
   IHLP® Commercial Inductors, Low DCR Series
01-Jan-2022
More results

Similar Description - IHLP2020CZER4R7M11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHLP2020BZER1R0M01 VISHAY-IHLP2020BZER1R0M01 Datasheet
302Kb / 6P
   Low Profile, High Current IHLP® Inductor
Revision: 13-Sep-12
IHLP-2020BZ-01 VISHAY-IHLP-2020BZ-01 Datasheet
142Kb / 4P
   Low Profile, High Current IHLP® Inductor
Revision: 27-Oct-08
IHLP2020CZER4R7M11 VISHAY-IHLP2020CZER4R7M11 Datasheet
302Kb / 6P
   Low Profile, High Current IHLP® Inductor
Revision: 13-Sep-12
IHLP-1616BZ-0H VISHAY-IHLP-1616BZ-0H Datasheet
203Kb / 4P
   High Frequency, Low Profile, High Current IHLP Inductor
Revision: 26-Sep-17
IHLP-3232CZ-11 VISHAY-IHLP-3232CZ-11 Datasheet
333Kb / 6P
   Low Profile, High Current IHLP
Revision: 06-May-13
IHLP-2525EZ-01 VISHAY-IHLP-2525EZ-01_09 Datasheet
157Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 18-May-09
IHLP1616BZEB1R0M11 VISHAY-IHLP1616BZEB1R0M11 Datasheet
246Kb / 3P
   Low Profile, High Current IHLP Inductors
Revision: 26-Feb-13
IHLP2525CZERR22M01 VISHAY-IHLP2525CZERR22M01 Datasheet
123Kb / 4P
   Low Profile, High Current IHLP Inductors
Revision: 24-Feb-11
IHLP5050EZER4R7M01 VISHAY-IHLP5050EZER4R7M01 Datasheet
125Kb / 5P
   Low Profile, High Current IHLP Inductors
Revision: 25-Feb-11
IHLP2020BZER4R7M11 VISHAY-IHLP2020BZER4R7M11 Datasheet
290Kb / 6P
   Low Profile, High Current IHLP Inductors
Revision: 20-Sep-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com