Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JVK042ABJ010ZC-P Datasheet(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc

Part # JVK042ABJ010ZC-P
Description  Notice for TAIYO YUDEN products
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

JVK042ABJ010ZC-P Datasheet(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc

Back Button JVK042ABJ010ZC-P Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ010ZC-P Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ010ZC-P Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ010ZC-P Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ010ZC-P Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ010ZC-P Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ010ZC-P Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ010ZC-P Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ010ZC-P Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
13
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
11
PARTS NUMBER
HALT
Rated voltage x %
TMK212 BJ225[]G-T
B
X5R
2.2 μ
±10,±20
5
150
1.25±0.10
R
TMK212ABJ475[]G-T
TMK212 BJ475[]G-T
X5R
4.7 μ
±10,±20
10
150
1.25+0.15/-0.05
R
TMK212BBJ106MG-T
X5R
10 μ
±20
10
150
1.25+0.20/-0
R
EMK212 BJ225[]G-T
B
X5R
*1
2.2 μ
±10,±20
5
200
1.25±0.10
R
EMK212ABJ475[]G-T
EMK212 BJ475[]G-T
B
X5R
*1
4.7 μ
±10,±20
5
150
1.25+0.15/-0.05
R
EMK212ABJ106[]G-T
EMK212 BJ106[]G-T
X5R
10 μ
±10,±20
10
150
1.25+0.15/-0.05
R
EMK212BBJ226MG-T
X5R
22 μ
±20
10
150
1.25+0.20/-0
R
LMK212 BJ225[]G-T
B
X5R
*1
2.2 μ
±10,±20
5
200
1.25±0.10
R
LMK212ABJ475[]G-T
LMK212 BJ475[]G-T
B
X5R
*1
4.7 μ
±10,±20
5
200
1.25+0.15/-0.05
R
LMK212ABJ106[]G-T
LMK212 BJ106[]G-T
X5R
10 μ
±10,±20
10
200
1.25+0.15/-0.05
R
LMK212BBJ226MG-T
LMK212 BJ226MG-T
X5R
22 μ
±20
10
150
1.25+0.20/-0
R
JMK212ABJ475[]G-T
JMK212 BJ475[]G-T
B
X5R
4.7 μ
±10,±20
5
200
1.25+0.15/-0.05
R
JMK212ABJ106[]G-T
JMK212 BJ106[]G-T
X5R
*1
10 μ
±10,±20
10
200
1.25+0.15/-0.05
R
JMK212ABJ226MG-T
JMK212 BJ226MG-T
X5R
22 μ
±20
10
150
1.25+0.15/-0.05
R
JMK212BBJ476MG-T
JMK212 BJ476MG-T
X5R
47 μ
±20
10
150
1.25+0.20/-0
R
【Temperature Characteristic BJ : B/X5R】 0.85mm thickness(D)
HALT
Rated voltage x %
UMK212ABJ105[]D-T
UMK212 BJ105[]D-TD
X5R
1 μ
±10,±20
10
150
0.85±0.10
R
UMK212BBJ225[]D-T
X5R
2.2 μ
±10,±20
10
150
0.85±0.10
R
TMK212 BJ474[]D-T
B
X5R
0.47 μ
±10,±20
3.5
200
0.85±0.10
R
TMK212 BJ105[]D-T
B
X5R
1 μ
±10,±20
5
200
0.85±0.10
R
TMK212ABJ225[]D-T
TMK212 BJ225[]D-T
B
X5R
2.2 μ
±10,±20
5
150
0.85±0.10
R
TMK212BBJ475[]D-T
TMK212 BJ475[]D-TD
X5R
4.7 μ
±10,±20
10
150
0.85±0.10
R
EMK212 BJ105[]D-T
B
X5R
*1
1 μ
±10,±20
5
200
0.85±0.10
R
EMK212ABJ225[]D-T
EMK212 BJ225[]D-T
B
X5R
*1
2.2 μ
±10,±20
5
150
0.85±0.10
R
EMK212 BJ475[]D-T
B
X5R
4.7 μ
±10,±20
10
150
0.85±0.10
R
EMK212ABJ106[]D-T
EMK212 BJ106[]D-TD
X5R
10 μ
±10,±20
10
150
0.85±0.10
R
LMK212 BJ105[]D-T
B
X5R
*1
1 μ
±10,±20
3.5
200
0.85±0.10
R
LMK212 BJ225[]D-T
B
X5R
*1
2.2 μ
±10,±20
5
200
0.85±0.10
R
LMK212 BJ475[]D-T
B
X5R
4.7 μ
±10,±20
10
200
0.85±0.10
R
LMK212ABJ106[]D-T
LMK212 BJ106[]D-T
X5R
10 μ
±10,±20
10
150
0.85±0.10
R
JMK212 BJ475[]D-T
X5R
4.7 μ
±10,±20
10
200
0.85±0.10
R
JMK212ABJ106[]D-T
JMK212 BJ106[]D-T
X5R
10 μ
±10,±20
10
200
0.85±0.10
R
JMK212ABJ226MD-T
JMK212 BJ226MD-T
X5R
22 μ
±20
10
150
0.85±0.10
R
AMK212BBJ476MD-T
4
X5R
47 μ
±20
10
150
0.85±0.10
R
【Temperature Characteristic BJ : X5R】 0.45mm thickness(K)
HALT
Rated voltage x %
LMK212ABJ475[]K-T
LMK212 BJ475[]K-T
10
X5R
4.7 μ
±10,±20
10
150
0.45±0.05
R
JMK212ABJ475[]K-T
JMK212 BJ475[]K-T
X5R
4.7 μ
±10,±20
10
150
0.45±0.05
R
JMK212ABJ106MK-T *2 JMK212 BJ106MK-T
X5R
10 μ
±20
10
150
0.45±0.05
R
【Temperature Characteristic C6 : X6S】 1.25mm thickness(G)
HALT
Rated voltage x %
JMK212BC6226MG-T
6.3
X6S
22 μ
±20
10
150
1.25+0.20/-0
R
AMK212AC6226MG-T
X6S
22 μ
±20
10
150
1.25+0.15/-0.05
R
AMK212BC6476MG-T
X6S
47 μ
±20
10
150
1.25+0.20/-0
R
【Temperature Characteristic C6 : X6S】 0.85mm thickness(D)
HALT
Rated voltage x %
LMK212AC6106[]D-T
10
X6S
10 μ
±10,±20
10
150
0.85±0.10
R
【Temperature Characteristic B7 : X7R】 1.25mm thickness(G)
HALT
Rated voltage x %
UMK212 B7104[]G-T
X7R
0.1 μ
±10,±20
3.5
200
1.25±0.10
R/W
UMK212 B7224[]G-T
X7R
0.22 μ
±10,±20
3.5
150
1.25±0.10
R/W
UMK212 B7474[]G-T
X7R
0.47 μ
±10,±20
3.5
150
1.25±0.10
R/W
UMK212 B7105[]G-T
X7R
1 μ
±10,±20
10
150
1.25±0.10
R/W
UMK212BB7225[]G-T
X7R
2.2 μ
±10,±20
10
150
1.25+0.20/-0
R
GMK212 B7105[]G-T
35
X7R
1 μ
±10,±20
3.5
150
1.25±0.10
R/W
TMK212 B7105[]G-T
X7R
1 μ
±10,±20
3.5
150
1.25±0.10
R
TMK212 B7225[]G-TR
X7R
2.2 μ
±10,±20
10
150
1.25±0.10
R
TMK212AB7475[]G-T
TMK212 B7475[]G-T
X7R
4.7 μ
±10,±20
10
150
1.25+0.15/-0.05
R
EMK212 B7105[]G-T
X7R
1 μ
±10,±20
3.5
200
1.25±0.10
R/W
EMK212 B7225[]G-T
X7R
2.2 μ
±10,±20
10
150
1.25±0.10
R
EMK212 B7475[]G-T
X7R
4.7 μ
±10,±20
10
150
1.25±0.10
R
EMK212BB7106MG-T
X7R
10 μ
±20
10
150
1.25+0.20/-0
R
LMK212 B7105[]G-T
X7R
1 μ
±10,±20
3.5
200
1.25±0.10
R/W
LMK212 B7225[]G-T
X7R
2.2 μ
±10,±20
5
200
1.25±0.10
R
LMK212 B7475[]G-T
X7R
4.7 μ
±10,±20
10
150
1.25±0.10
R
LMK212AB7106MG-T
LMK212 B7106MG-TD
X7R
10 μ
±20
10
150
1.25+0.15/-0.05
R
JMK212AB7106[]G-T
JMK212 B7106[]G-T
6.3
X7R
10 μ
±10,±20
10
150
1.25+0.15/-0.05
R
Rated voltage [V]
10
25
Thickness
*3
[mm]
tanδ
[%]
Soldering
R:Reflow
W:Wave
tanδ
[%]
Soldering
R:Reflow
W:Wave
16
Capacitance
[F]
Rated voltage [V]
Part number 2
Rated voltage [V]
10
Part number 2
6.3
Part number 1
Part number 2
Rated voltage [V]
Temperature
characteristics
Part number 1
Part number 1
Part number 2
Capacitance
[F]
Capacitance
tolerance [%]
Thickness
*3
[mm]
tanδ
[%]
4
50
Thickness
*3
[mm]
Temperature
characteristics
Capacitance
[F]
Capacitance
tolerance [%]
16
10
6.3
Temperature
characteristics
6.3
Capacitance
[F]
Capacitance
tolerance [%]
Capacitance
tolerance [%]
Part number 1
Part number 2
Rated voltage [V]
16
Part number 1
Soldering
R:Reflow
W:Wave
Capacitance
tolerance [%]
tanδ
[%]
25
Thickness
*3
[mm]
Thickness
*3
[mm]
Soldering
R:Reflow
W:Wave
Capacitance
[F]
tanδ
[%]
Temperature
characteristics
Temperature
characteristics
Soldering
R:Reflow
W:Wave
50
25
Soldering
R:Reflow
W:Wave
tanδ
[%]
Thickness
*3
[mm]
Part number 1
Part number 2
Rated voltage [V]
Temperature
characteristics
Capacitance
[F]
Capacitance
tolerance [%]


Similar Description - JVK042ABJ010ZC-P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com