Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGLN250V5-ZVQ100PP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # AGLN250V5-ZVQ100PP
Description  IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLN250V5-ZVQ100PP Datasheet(HTML) 2 Page - Microsemi Corporation

  AGLN250V5-ZVQ100PP Datasheet HTML 1Page - Microsemi Corporation AGLN250V5-ZVQ100PP Datasheet HTML 2Page - Microsemi Corporation AGLN250V5-ZVQ100PP Datasheet HTML 3Page - Microsemi Corporation AGLN250V5-ZVQ100PP Datasheet HTML 4Page - Microsemi Corporation AGLN250V5-ZVQ100PP Datasheet HTML 5Page - Microsemi Corporation AGLN250V5-ZVQ100PP Datasheet HTML 6Page - Microsemi Corporation AGLN250V5-ZVQ100PP Datasheet HTML 7Page - Microsemi Corporation AGLN250V5-ZVQ100PP Datasheet HTML 8Page - Microsemi Corporation AGLN250V5-ZVQ100PP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 150 page
background image
II
Revision 17
I/Os Per Package
IGLOO nano Device Status
IGLOO nano Devices
AGLN010
AGLN0151
AGLN020
AGLN060
AGLN125
AGLN250
IGLOO nano-Z Devices1
AGLN030Z1
AGLN060Z1 AGLN125Z1 AGLN250Z1
Known Good Die
34
52
83
71
71
68
UC36
23
QN48
34
34
QN68
49
49
49
UC81
52
66
CS81
52
66
60
60
60
VQ100
77
71
71
68
Notes:
1. Not recommended for new designs.
2. When considering migrating your design to a lower- or higher-density device, refer to the IGLOO datasheet and IGLOO FPGA
Fabric User’s Guide to ensure compliance with design and board migration requirements.
3. When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not used as a regular I/O, the number of single-
ended user I/Os available is reduced by one.
4. "G" indicates RoHS-compliant packages. Refer to "IGLOO nano Ordering Information" on page III for the location of the "G" in
the part number. For nano devices, the VQ100 package is offered in both leaded and RoHS-compliant versions. All other
packages are RoHS-compliant only.
Table 1 • IGLOO nano FPGAs Package Sizes Dimensions
Packages
UC36
UC81
CS81
QN48
QN68
VQ100
Length × Width (mm\mm)
3 x 3
4 x 4
5 x 5
6 x 6
8 x 8
14 x 14
Nominal Area (mm2)
9
16
36
36
64
196
Pitch (mm)
0.4
0.4
0.5
0.4
0.4
0.5
Height (mm)
0.80
0.80
0.80
0.90
0.90
1.20
IGLOO nano Devices
Status
IGLOO nano-Z Devices
Status
AGLN010
Production
AGLN015
Not recommended for new designs.
AGLN020
Production
AGLN030Z
Not recommended for new designs.
AGLN060
Production
AGLN060Z
Not recommended for new designs.
AGLN125
Production
AGLN125Z
Not recommended for new designs.
AGLN250
Production
AGLN250Z
Not recommended for new designs.


Similar Part No. - AGLN250V5-ZVQ100PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGLN250V2-VQG100 MICROSEMI-AGLN250V2-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
AGLN250V2-VQG100I MICROSEMI-AGLN250V2-VQG100I Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
AGLN250V2-ZVQG100 MICROSEMI-AGLN250V2-ZVQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - AGLN250V5-ZVQ100PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com