Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JVR042ABJ0R5BD-F Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # JVR042ABJ0R5BD-F
Description  Notice for TAIYO YUDEN products
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

JVR042ABJ0R5BD-F Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  JVR042ABJ0R5BD-F Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc JVR042ABJ0R5BD-F Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc JVR042ABJ0R5BD-F Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc JVR042ABJ0R5BD-F Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc JVR042ABJ0R5BD-F Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc JVR042ABJ0R5BD-F Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc JVR042ABJ0R5BD-F Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc JVR042ABJ0R5BD-F Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc JVR042ABJ0R5BD-F Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
13
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
4
MULTILAYER CERAMIC CAPACIT�RS
PARTS NUMBER
J
M
K
3
1
6
B
J
1
0
6
M
L
T
△=Blank space
① ② ③
⑧ ⑨ ⑩ ⑪ ⑫
①Rated voltage
Code
Rated voltage[VDC]
P
2.5
A
4
J
6.3
L
10
E
16
T
25
G
35
U
50
H
100
Q
250
S
630
②Series name
Code
Series name
M
Multilayer ceramic capacitor
V
Multilayer ceramic capacitor for high frequency
W
LW reverse type multilayer capacitor
③End termination
Code
End termination
K
Plated
R
High Reliability Application
④Dimension(L×W)
Type
Dimensions
(L×W)[mm]
EIA(inch)
042
0.4×0.2
01005
063
0.6×0.3
0201
105
1.0×0.5
0402
0.52×1.0 ※
0204
107
1.6×0.8
0603
0.8×1.6 ※
0306
212
2.0×1.25
0805
1.25×2.0 ※
0508
316
3.2×1.6
1206
325
3.2×2.5
1210
432
4.5×3.2
1812
Note : ※LW reverse type(□WK) only
⑤Dimension tolerance
Code
Type
L[mm]
W[mm]
T[mm]
ALL
Standard
Standard
Standard
A
063
0.6±0.05
0.3±0.05
0.3±0.05
105
1.0±0.10
0.5±0.10
0.5±0.10
107
1.6+0.15/-0.05
0.8+0.15/-0.05
0.8+0.15/-0.05
212
2.0+0.15/-0.05
1.25+0.15/-0.05
0.45±0.05
0.85±0.10
1.25+0.15/-0.05
316
3.2±0.20
1.25±0.20
0.85±0.10
1.6±0.20
325
3.2±0.30
2.5±0.30
2.5±0.30
B
105
1.0+0.15/-0.05
0.5+0.15/-0.05
0.5+0.15/-0.05
107
1.6+0.20/-0
0.8+0.20/-0
0.45±0.05
0.8+0.20/-0
212
2.0+0.20/-0
1.25+0.20/-0
0.85±0.10
1.25+0.20/-0
316
3.2±0.30
1.6±0.30
1.6±0.30
C
105
1.0+0.20/-0
0.5+0.20/-0
0.5+0.20/-0
Note: P.6 Standard external dimensions
△= Blank space
⑥Temperature characteristics code
■High dielectric type(Excluding Super low distortion multilayer ceramic capacitor(CFCAPTM))
Code
Applicable
standard
Temperature
range[℃]
Ref. Temp.[℃]
Capacitance change
Capacitance
tolerance
Tolerance
code
BJ
JIS
B
-25~+ 85
20
±10%
±10%
K
±20%
M
EIA
X5R
-55~+ 85
25
±15%
±10%
K
±20%
M
B7
EIA
X7R
-55~+125
25
±15%
±10%
K
±20%
M
C6
EIA
X6S
-55~+105
25
±22%
±10%
K
±20%
M
C7
EIA
X7S
-55~+125
25
±22%
±10%
K
±20%
M
LD(※)
EIA
X5R
-55~+ 85
25
±15%
±10%
K
±20%
M
△F
JIS
F
-25~+ 85
20
+30/-80%
+80/-20%
Z
EIA
Y5V
-30~+ 85
25
+22-82%
+80/-20%
Z
Note : ※.LD Low distortion high value multilayer ceramic capacitor
△= Blank space
MULTILAYER CERAMIC CAPACITORS
REFLOW
WAVE


Similar Part No. - JVR042ABJ0R5BD-F

ManufacturerPart #DatasheetDescription
logo
RFE international
JVR05N080K11YAW RFE-JVR05N080K11YAW Datasheet
467Kb / 2P
   METAL OXIDE VARISTOR
2019.09.05
JVR05N080K15YAW RFE-JVR05N080K15YAW Datasheet
467Kb / 2P
   METAL OXIDE VARISTOR
2019.09.05
JVR05N080K17YAW RFE-JVR05N080K17YAW Datasheet
467Kb / 2P
   METAL OXIDE VARISTOR
2019.09.05
JVR05N080K61YAW RFE-JVR05N080K61YAW Datasheet
467Kb / 2P
   METAL OXIDE VARISTOR
2019.09.05
JVR05N080K65YAW RFE-JVR05N080K65YAW Datasheet
467Kb / 2P
   METAL OXIDE VARISTOR
2019.09.05
More results

Similar Description - JVR042ABJ0R5BD-F

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com