Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12101F225JAZ2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 12101F225JAZ2A
Description  MLCC with FLEXITERM General Specifications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

12101F225JAZ2A Datasheet(HTML) 1 Page - AVX Corporation

  12101F225JAZ2A Datasheet HTML 1Page - AVX Corporation 12101F225JAZ2A Datasheet HTML 2Page - AVX Corporation 12101F225JAZ2A Datasheet HTML 3Page - AVX Corporation 12101F225JAZ2A Datasheet HTML 4Page - AVX Corporation 12101F225JAZ2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
46
GENERAL DESCRIPTION
With increased requirements from the automotive industry for additional
component robustness, AVX recognized the need to produce a MLCC with
enhanced mechanical strength. It was noted that many components may be
subject to severe flexing and vibration when used in various under the hood
automotive and other harsh environment applications.
To satisfy the requirement for enhanced mechanical strength, AVX had to
find a way of ensuring electrical integrity is maintained whilst external forces
are being applied to the component. It was found that the structure of the
termination needed to be flexible and after much research and development,
AVX launched FLEXITERM®. FLEXITERM® is designed to enhance the
mechanical flexure and temperature cycling performance of a standard
ceramic capacitor with an X7R dielectric. The industry standard for
flexure is 2mm minimum. Using FLEXITERM®, AVX provides up to
5mm of flexure without internal cracks. Beyond 5mm, the capacitor
will generally fail “open”.
As well as for automotive applications FLEXITERM® will provide Design
Engineers with a satisfactory solution when designing PCB’s which may be
subject to high levels of board flexure.
MLCC with FLEXITERM®
General Specifications
APPLICATIONS
High Flexure Stress Circuit Boards
• e.g. Depanelization: Components near edges
of board.
Variable Temperature Applications
• Soft termination offers improved reliability per-
formance in applications where there is tem-
perature variation.
• e.g. All kind of engine sensors: Direct
connection to battery rail.
Automotive Applications
• Improved reliability.
• Excellent
mechanical
performance
and
thermo mechanical performance.
PRODUCT ADVANTAGES
• High mechanical performance able to withstand, 5mm bend test
guaranteed.
Increased temperature cycling performance, 3000 cycles and beyond.
Flexible termination system.
Reduction in circuit board flex failures.
Base metal electrode system.
Automotive or commercial grade products available.
HOW TO ORDER
0805
Style
0603
0805
1206
1210
1812
2220
5
Voltage
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
5 = 50V
1 = 100V
2 = 200V
2
Packaging
2 = 7" reel
4 = 13" reel
C
Dielectric
C = X7R
F = X8R
104
Capacitance
Code (In pF)
2 Sig Digits +
Number of Zeros
e.g., 104 = 100nF
K
Capacitance
Tolerance
J = ±5%*
K = ±10%
M = ±20%
*≤1μF only
A
Special Code
A = Std. Product
Z
Terminations
Z = FLEXITERM®
For FLEXITERM®
with Tin/Lead
termination see
AVX LD Series
A
Failure
Rate
A=Commercial
4 = Automotive
NOTE: Contact factory for availability of Tolerance Options for Specific Part Numbers.


Similar Part No. - 12101F225JAZ2A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
12101F104J4Z2A KSS-12101F104J4Z2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
12101F104J4Z4A KSS-12101F104J4Z4A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
12101F104JAZ2A KSS-12101F104JAZ2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
12101F104JAZ4A KSS-12101F104JAZ4A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
12101F104K4Z2A KSS-12101F104K4Z2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
More results

Similar Description - 12101F225JAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12105C475KAZ2A AVX-12105C475KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
18121C225KAZ2A AVX-18121C225KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
12101C225K4Z2A AVX-12101C225K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
080552C104KAZA AVX-080552C104KAZA Datasheet
199Kb / 5P
   MLCC with FLEXITERM
06035C104JAZ2A AVX-06035C104JAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM
06031C102K4Z2A AVX-06031C102K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM
12065C334KAZ2A AVX-12065C334KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM
logo
Kyocera Kinseki Corpota...
08055C104KAZ2A KSS-08055C104KAZ2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
logo
AVX Corporation
0805ZC684KAZ2A AVX-0805ZC684KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰 General Specifications
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com