Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGLN250V5-ZUC81PP Datasheet(PDF) 9 Page - Microsemi Corporation

Part # AGLN250V5-ZUC81PP
Description  IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLN250V5-ZUC81PP Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button AGLN250V5-ZUC81PP Datasheet HTML 5Page - Microsemi Corporation AGLN250V5-ZUC81PP Datasheet HTML 6Page - Microsemi Corporation AGLN250V5-ZUC81PP Datasheet HTML 7Page - Microsemi Corporation AGLN250V5-ZUC81PP Datasheet HTML 8Page - Microsemi Corporation AGLN250V5-ZUC81PP Datasheet HTML 9Page - Microsemi Corporation AGLN250V5-ZUC81PP Datasheet HTML 10Page - Microsemi Corporation AGLN250V5-ZUC81PP Datasheet HTML 11Page - Microsemi Corporation AGLN250V5-ZUC81PP Datasheet HTML 12Page - Microsemi Corporation AGLN250V5-ZUC81PP Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 150 page
background image
IGLOO nano Low Power Flash FPGAs
Revision 17
1-3
Reduced Cost of Ownership
Advantages to the designer extend beyond low unit cost, performance, and ease of use. Unlike
SRAM-based FPGAs, flash-based IGLOO nano devices allow all functionality to be Instant On; no
external boot PROM is required. On-board security mechanisms prevent access to all the programming
information and enable secure remote updates of the FPGA logic.
Designers can perform secure remote in-system reprogramming to support future design iterations and
field upgrades with confidence that valuable intellectual property cannot be compromised or copied.
Secure ISP can be performed using the industry-standard AES algorithm. The IGLOO nano device
architecture mitigates the need for ASIC migration at higher user volumes. This makes IGLOO nano
devices cost-effective ASIC replacement solutions, especially for applications in the consumer,
networking/communications, computing, and avionics markets.
With a variety of devices under $1, IGLOO nano FPGAs enable cost-effective implementation of
programmable logic and quick time to market.
Firm-Error Immunity
Firm errors occur most commonly when high-energy neutrons, generated in the upper atmosphere, strike
a configuration cell of an SRAM FPGA. The energy of the collision can change the state of the
configuration cell and thus change the logic, routing, or I/O behavior in an unpredictable way. These
errors are impossible to prevent in SRAM FPGAs. The consequence of this type of error can be a
complete system failure. Firm errors do not exist in the configuration memory of IGLOO nano flash-based
FPGAs. Once it is programmed, the flash cell configuration element of IGLOO nano FPGAs cannot be
altered by high-energy neutrons and is therefore immune to them. Recoverable (or soft) errors occur in
the user data SRAM of all FPGA devices. These can easily be mitigated by using error detection and
correction (EDAC) circuitry built into the FPGA fabric.
Advanced Flash Technology
The IGLOO nano device offers many benefits, including nonvolatility and reprogrammability, through an
advanced flash-based, 130-nm LVCMOS process with seven layers of metal. Standard CMOS design
techniques are used to implement logic and control functions. The combination of fine granularity,
enhanced flexible routing resources, and abundant flash switches allows for very high logic utilization
without compromising device routability or performance. Logic functions within the device are
interconnected through a four-level routing hierarchy.
IGLOO nano FPGAs utilize design and process techniques to minimize power consumption in all modes
of operation.
Advanced Architecture
The proprietary IGLOO nano architecture provides granularity comparable to standard-cell ASICs. The
IGLOO nano device consists of five distinct and programmable architectural features (Figure 1-3 on
page 1-5 to Figure 1-4 on page 1-5):
Flash*Freeze technology
FPGA VersaTiles
Dedicated FlashROM
Dedicated SRAM/FIFO memory
Extensive CCCs and PLLs†
Advanced I/O structure
The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input logic
function, a D-flip-flop (with or without enable), or a latch by programming the appropriate flash switch
interconnections. The versatility of the IGLOO nano core tile as either a three-input lookup table (LUT)
equivalent or a D-flip-flop/latch with enable allows for efficient use of the FPGA fabric. The VersaTile
capability is unique to the ProASIC® family of third-generation-architecture flash FPGAs. VersaTiles are
connected with any of the four levels of routing hierarchy. Flash switches are distributed throughout the
device to provide nonvolatile, reconfigurable interconnect programming. Maximum core utilization is
possible for virtually any design.
† The AGLN030 and smaller devices do not support PLL or SRAM.


Similar Part No. - AGLN250V5-ZUC81PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGLN250V2-VQG100 MICROSEMI-AGLN250V2-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
AGLN250V2-VQG100I MICROSEMI-AGLN250V2-VQG100I Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
AGLN250V2-ZVQG100 MICROSEMI-AGLN250V2-ZVQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - AGLN250V5-ZUC81PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com