Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

553-0112F Datasheet(PDF) 1 Page - Dialight Corporation

Part # 553-0112F
Description  3mm LED BI-LEVEL CBI RoHS COMPLIANT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

553-0112F Datasheet(HTML) 1 Page - Dialight Corporation

  553-0112F Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 553-0112F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0111 DIALIGHT-553-0111 Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111 DIALIGHT-553-0111 Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111 DIALIGHT-553-0111 Datasheet
84Kb / 10P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
logo
Chicago Miniature Lamp,...
553-0111 CML-553-0111 Datasheet
732Kb / 1P
   BI-LEVEL LED INDICATOR
logo
Dialight Corporation
553-0111-200 DIALIGHT-553-0111-200 Datasheet
73Kb / 8P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
More results

Similar Description - 553-0112F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
552-0912F DIALIGHT-552-0912F Datasheet
92Kb / 1P
   5mm BI-LEVEL CBI RoHS COMPLIANT
C-17296 DIALIGHT-C-17296 Datasheet
158Kb / 1P
   3mm LED CBI RoHS COMPLIANT
C-17278 DIALIGHT-C-17278 Datasheet
183Kb / 1P
   STANDARD 3MM QUAD LEVEL CBI ROHS COMPLIANT
592-3030-002 DIALIGHT-592-3030-002 Datasheet
161Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED BI-COLOR
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
593-303030-002F DIALIGHT-593-303030-002F Datasheet
128Kb / 2P
   3mm Tri-level Prism CBI Surface Mount LED BI-COLOR
592-2020-002 DIALIGHT-592-2020-002 Datasheet
139Kb / 2P
   3mm Bi-level Prism짰 CBI Surface Mount LED SINGLE COLOR
592-3535-002 DIALIGHT-592-3535-002 Datasheet
167Kb / 2P
   3mm Bi-level Prism CBI Surface Mount LED TRI-COLOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com