Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

609-1312-120 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 609-1312-120
Description  LED Panel Mount Indicators for 9mm Mounting Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

609-1312-120 Datasheet(HTML) 1 Page - Dialight Corporation

  609-1312-120 Datasheet HTML 1Page - Dialight Corporation 609-1312-120 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
Long Life - typically 100K hours
Low power consumption - uses up to 90% less
energy than an incandescent indicator
No heat generated
Colors include red, green, and yellow
Front panel mounting
LED can be recessed or protrude from housing
609 Series
LED Panel Mount Indicators
for 9mm Mounting Hole
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL609X001_B
a Roxboro Group Company
APPLICATIONS
Dialight's 600 series of metric indicators are designed for a variety of
applications such as:
• Main and remote power indication
• Status Indication
• Maintenance and warning indication
• Instrumentation
...and many more!
SPECIFICATIONS
Voltage requirements: 6, 12 and 24 VDC
(no resistor required)
Electrical connection through solder
terminals
Mounting hole size: 0.366 inches [9.3 mm]
Maximum panel thickness: 0.295 inches
[7.5 mm]
Mounts with lock washer and nut
(0.362 lbs/ft or 5 Kg/cm torque recommended)
Operating Temperature : -25ºC to +85ºC
Storage Temperature: -25ºC to +100ºC
Housing Material: Chrome plated brass or
Black painted brass
FIG. 1
FIG. 2
Dimensions in inches [mm]
All measurements are typical
Dialight reserves the right to make changes at any time
in order to supply the best product possible.


Similar Part No. - 609-1312-120

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
609-1322-120F DIALIGHT-609-1322-120F Datasheet
118Kb / 2P
   LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
609-1322-130F DIALIGHT-609-1322-130F Datasheet
118Kb / 2P
   LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
609-1322-140F DIALIGHT-609-1322-140F Datasheet
118Kb / 2P
   LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
609-1322-320F DIALIGHT-609-1322-320F Datasheet
118Kb / 2P
   LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
609-1322-330F DIALIGHT-609-1322-330F Datasheet
118Kb / 2P
   LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
More results

Similar Description - 609-1312-120

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
   LED Panel Mount Indicators for 16mm Mounting Hole
606-1111-110F DIALIGHT-606-1111-110F Datasheet
105Kb / 2P
   LED Panel Mount Indicators for 6mm Mounting Hole
608-1131-110F DIALIGHT-608-1131-110F Datasheet
103Kb / 2P
   LED Panel Mount Indicators for 8mm Mounting Hole
612-3132-120F DIALIGHT-612-3132-120F Datasheet
87Kb / 1P
   LED Panel Mount Indicators for 12mm Mounting Hole
610-3132-120F DIALIGHT-610-3132-120F Datasheet
90Kb / 1P
   LED Panel Mount Indicators for 10mm Mounting Hole
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
249-4162-3734-504F DIALIGHT-249-4162-3734-504F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 3/8' Mounting Hole
556-1003-304F DIALIGHT-556-1003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com