Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70448 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS70448
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70448 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS70448 Datasheet HTML 3Page - Texas Instruments TPS70448 Datasheet HTML 4Page - Texas Instruments TPS70448 Datasheet HTML 5Page - Texas Instruments TPS70448 Datasheet HTML 6Page - Texas Instruments TPS70448 Datasheet HTML 7Page - Texas Instruments TPS70448 Datasheet HTML 8Page - Texas Instruments TPS70448 Datasheet HTML 9Page - Texas Instruments TPS70448 Datasheet HTML 10Page - Texas Instruments TPS70448 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
UVLO1
Comp
+
-
+
-
Thermal
Shutdown
2.5V
+
-
Current
Sense
Reference
Vref
Vref
ENA_1
10kW
ENA_1
120ms
Delay
0.95xVref
VSENSE1
0.95xVref
VSENSE2
RisingEdge
Deglitch
ENA_1
ENA_2
Current
Sense
+
-
ENA_2
ENA_2
FB2
Vref
VIN1(2Pins)
GND
EN1
EN2
VIN2 (2Pins)
VSENSE1
(seeNoteA)
PG1
MR
RESET
VSENSE2
(seeNoteA)
VIN1
PG1
Comp
RisingEdge
Deglitch
PG2
PG2
Comp
VOUT1 (2Pins)
VOUT2 (2Pins)
2.5V
UVLO2
Comp
+
-
+
-
10kW
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
www.ti.com
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
DEVICE INFORMATION
Fixed Voltage Version
A.
For most applications, VSENSE1 and VSENSE2 should be externally connected to VOUT1 and VOUT2, respectively, as
close as possible to the device. For other implementations, refer to SENSE terminal connection discussion in the
Application Information section.
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS70448

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70448 TI-TPS70448 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70448PWP TI-TPS70448PWP Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
More results

Similar Description - TPS70448

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70245PWP TI-TPS70245PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70258PWP TI-TPS70258PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI-TPS70245 Datasheet
511Kb / 30P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI1-TPS70845_16 Datasheet
866Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70302PWPR TI-TPS70302PWPR Datasheet
874Kb / 46P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70248PWP TI-TPS70248PWP Datasheet
985Kb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70245 TI1-TPS70245_16 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70451 TI-TPS70451 Datasheet
571Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70845 TI-TPS70845 Datasheet
449Kb / 29P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com