Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8040 Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8040
Description  CMOS High Voltage Display Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8040 Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8040 Datasheet HTML 1Page - Holt Integrated Circuits HI-8040 Datasheet HTML 2Page - Holt Integrated Circuits HI-8040 Datasheet HTML 3Page - Holt Integrated Circuits HI-8040 Datasheet HTML 4Page - Holt Integrated Circuits HI-8040 Datasheet HTML 5Page - Holt Integrated Circuits HI-8040 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HI-8040
GENERAL DESCRIPTION
The HI-8040 is a CMOS integrated circuit designed for high
voltage LCD display drive applications.
It can drive 85
segments at voltages between +5 and -30 volts. An optional
voltage converter can generate the negative display drive
voltage. Test inputs facilitate opens and shorts testing. The
backplane frequency is checked and, as long as power is
available, the segments are shut "Off" if the frequency
becomes too low.
The HI-8040 is part of a family of display drivers which
control segment information in the same way.
Data is
serially clocked into the device and the data for all segment
outputs are latched in parallel when the Load input
transitions from high to low. With the Data Out from the shift
register available, devices may be cascaded to obtain more
segment outputs. The shift register is 85 bits long.
The die is metal mask programmable to provide for various
package and/or cascade tap options.
Consult your Holt
Sales representative to explore the possibilities.
!
!
Dichroic Liquid Crystal Displays
Standard Liquid Crystal Displays
! MEMS Drivers
APPLICATIONS
!
!
!
!
!
!
!
!
!
4 MHz serial input data rate
85 segment outputs
Cascadable
5 Volt inputs translated to 35 Volts
est pins allow hardware all "ON", all "OFF" or
alternating
Monitors backplane oscillation and forces all
segments to "OFF" condition if below 10Hz
Negative voltage converter available on-chip
CMOS low power
Military processing available
T
FEATURES
PIN CONFIGURATION (Top View)
FUNCTIONAL BLOCK DIAGRAM
Oscillator
Divider
Voltage
Tr anslator
High Voltage
Buf f er
85 Stage
Shift R egister
85 Bit L atch
Voltage
Tr anslators
High Voltage
Drivers
Þ BP
85 SEGMENTS
DIN
LD
BPOSC
BPIN
Þ
Þ
Þ
Þ
Þ
Þ
CL
CS
DATA IN
CLK
LE
Þ
DOUT
85
See page 5 for magnified view
March 2007
(DS8040, Rev. C)
03/07
CMOS High Voltage
Display Driver
S29
S28
S27
S26
S25
S24
S23
S22
S21
S20
S19
S18
S17
S16
S15
S14
S13
S12
S11
S10
S60
S61
S62
S63
S64
S65
S66
S67
S68
S69
S70
S71
S72
S73
S74
S75
S76
S77
S78
S79
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
100 PIN QUAD CERPACK
HOLT INTEGRATED CIRCUITS
www.holtic.com


Similar Part No. - HI-8040

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8040 HOLTIC-HI-8040 Datasheet
701Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040Q HOLTIC-HI-8040Q Datasheet
701Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040Q HOLTIC-HI-8040Q Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040QM-01 HOLTIC-HI-8040QM-01 Datasheet
701Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results

Similar Description - HI-8040

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020 Datasheet
271Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com