Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8045 Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8045
Description  CMOS HIGH VOLTAGE DISPLAY DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8045 Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8045 Datasheet HTML 1Page - Holt Integrated Circuits HI-8045 Datasheet HTML 2Page - Holt Integrated Circuits HI-8045 Datasheet HTML 3Page - Holt Integrated Circuits HI-8045 Datasheet HTML 4Page - Holt Integrated Circuits HI-8045 Datasheet HTML 5Page - Holt Integrated Circuits HI-8045 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HI-8045
GENERAL DESCRIPTION
The HI-8045 high voltage display driver is a low cost
plastic, 80-segment version of the Holt HI-8040 display
driver series. The 20 mil package lead pitch allows the
maximum number of display driver segments in the
smallest space.
An optional voltage converter can
generate the negative display drive voltage. Test inputs
facilitate opens and shorts testing.
The backplane fre-
quency is checked and, as long as power is available, the
segments are shut "Off" if the frequency becomes too low.
The HI-8045 and the HI-80XX series of display drivers all
control segment information in the same way.
Data is
serially clocked into the device and the data for all segment
outputs are latched in parallel when the Load input transi-
tions from high to low. With the Data Out from the shift
register available, devices may be cascaded to obtain more
segment outputs. The shift register is 85 bits long.
The die is metal mask programmable to provide for various
package and/or cascade tap options.
Consult your Holt
Sales representative to explore the possibilities.
!
!
Dichroic Liquid Crystal Displays
Standard Liquid Crystal Displays
! MEMS Drivers
APPLICATIONS
!
!
!
!
!
!
!
!
!
4 MHz serial input data rate
80 segment outputs
Cascadable
5 Volt inputs translated to 35 Volts
Test pins allow hardware all "ON", all "OFF" or
alternating
Monitors backplane oscillation and forces all
segments to "OFF" condition if below 10Hz
Negative voltage converter available on-chip
CMOS low power
Industrial and JEDEC processing available
FEATURES
PIN CONFIGURATION (Top View)
FUNCTIONAL BLOCK DIAGRAM
Oscillator
Divider
Voltage
Tr anslator
High Voltage
Buf f er
85 Stage
Shift R egister
80 Bit L atch
Voltage
Tr anslators
High Voltage
Drivers
Þ BP
80 SEGMENTS
DIN
LD
BPOSC
BPIN
Þ
Þ
Þ
Þ
Þ
Þ
CL
CS
DATA IN
CLK
LE
Þ
DOUT
85
S55
S54
S53
S52
S51
S50
S49
S48
S47
S46
S45
S44
S43
S42
S41
S40
S39
S38
S37
S36
S35
S34
S33
S32
S31
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
N/C
V
LD
DIN
BPOSC
N/C
N/C
BPIN
N/C
CONVOUT
V
DOUT 85
CONVOSC
V
T1
T2
BP
S1
S2
S3
S4
S5
S6
SS
DD
EE
CS
CL
HI-8045PQ
80 - SEGMENT
100 - PIN
PLASTIC
QUAD FLAT PACK
March 2007
(DS8045, Rev. E)
03/07
CMOS High Voltage
Display Driver
HOLT INTEGRATED CIRCUITS
www.holtic.com


Similar Part No. - HI-8045

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045PQ HOLTIC-HI-8045PQ Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045PQT HOLTIC-HI-8045PQT Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
More results

Similar Description - HI-8045

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
HI-8010 HOLTIC-HI-8010 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020 Datasheet
271Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com