Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMK042ABJ0R5BD-W Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # PMK042ABJ0R5BD-W
Description  Notice for TAIYO YUDEN products
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PMK042ABJ0R5BD-W Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  PMK042ABJ0R5BD-W Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc PMK042ABJ0R5BD-W Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc PMK042ABJ0R5BD-W Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc PMK042ABJ0R5BD-W Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc PMK042ABJ0R5BD-W Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc PMK042ABJ0R5BD-W Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc PMK042ABJ0R5BD-W Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc PMK042ABJ0R5BD-W Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc PMK042ABJ0R5BD-W Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
13
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
5
■Temperature compensating type
Code
Applicable
standard
Temperature
range[℃]
Ref. Temp.[℃]
Capacitance change
Capacitance
tolerance
Tolerance
code
CH
JIS
CH
-55~+125
20
0±60ppm/℃
±0.1pF
B
±0.25pF
C
±0.5pF
D
EIA
C0H
25
1pF
F
±5%
J
±10%
K
CJ
JIS
CJ
-55~+125
20
0±120ppm/℃
±0.25pF
C
EIA
C0J
25
CK
JIS
CK
-55~+125
20
0±250ppm/℃
±0.25pF
C
EIA
C0J
25
UJ
JIS
UJ
-55~+125
20
-750±120ppm/℃
±0.25pF
C
EIA
U2J
25
±0.5pF
D
±5%
J
UK
JIS
UK
-55~+125
20
-750±250ppm/℃
±0.5pF
C
EIA
U2K
-55~+125
25
SL
JIS
S
-55~+125
20
+350~-1000ppm/℃
±5%
J
⑥Series code
(Super low distortion multilayer ceramic capacitor(CFCAPTM)only)
Code
Series code
SD
Standard
⑦Nominal capacitance
Code
(example)
Nominal capacitance
0R5
0.5pF
010
1pF
100
10pF
101
100p
102
1,000pF
103
10,000pF
104
0.1μF
105
1.0μF
106
10μF
107
100μF
Note : R=Decimal point
⑧Capacitance tolerance
Code
Capacitance tolerance
B
±0.1pF
C
±0.25pF
D
±0.5pF
F
±1pF
J
±5%
K
±10%
M
±20%
Z
+80/-20%
⑨Thickness
Code
Thickness[mm]
C
0.2
D
0.2(Temperature compensating of 042type)
P
0.3
T
K
0.45
V
0.5
W
A
0.8
D
0.85(212type or more)
F
1.15
G
1.25
L
1.6
N
1.9
Y
2.0 max
M
2.5
⑩Special code
Code
Special code
Standard
⑪Packaging
Code
Packaging
F
φ178mm Taping (2mm pitch)
T
φ178mm Taping (4mm pitch)
P
φ178mm Taping (4mm pitch, 1000 pcs/reel)
325 type(Thickness code M)
W
φ178mm Taping(1mm pitch)042type only
⑫Internal code
Code
Internal code
Standard


Similar Part No. - PMK042ABJ0R5BD-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PMK042BJ224KC-W TAIYO-YUDEN-PMK042BJ224KC-W Datasheet
449Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
PMK042BJ224MC-W TAIYO-YUDEN-PMK042BJ224MC-W Datasheet
449Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
PMK042C6224KC-W TAIYO-YUDEN-PMK042C6224KC-W Datasheet
449Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
PMK042C6224MC-W TAIYO-YUDEN-PMK042C6224MC-W Datasheet
362Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Mobile Devices Only
PMK042C6224MC-W TAIYO-YUDEN-PMK042C6224MC-W Datasheet
449Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
More results

Similar Description - PMK042ABJ0R5BD-W

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com