Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3588PQTF Datasheet(PDF) 10 Page - Holt Integrated Circuits

Part # HI-3588PQTF
Description  ARINC 429 Receiver with SPI Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3588PQTF Datasheet(HTML) 10 Page - Holt Integrated Circuits

Back Button HI-3588PQTF Datasheet HTML 5Page - Holt Integrated Circuits HI-3588PQTF Datasheet HTML 6Page - Holt Integrated Circuits HI-3588PQTF Datasheet HTML 7Page - Holt Integrated Circuits HI-3588PQTF Datasheet HTML 8Page - Holt Integrated Circuits HI-3588PQTF Datasheet HTML 9Page - Holt Integrated Circuits HI-3588PQTF Datasheet HTML 10Page - Holt Integrated Circuits HI-3588PQTF Datasheet HTML 11Page - Holt Integrated Circuits HI-3588PQTF Datasheet HTML 12Page - Holt Integrated Circuits HI-3588PQTF Datasheet HTML 13Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AC ELECTRICAL CHARACTERISTICS
HI-3588
VDD = 3.3V or 5.0V, GND = 0V, TA = Operating Temperature Range and fclk=1MHz 0.1% with 60/40 duty cycle
+
HOLT INTEGRATED CIRCUITS
10
LIMITS
PARAMETER
SYMBOL
UNITS
MIN
TYP
MAX
SPI INTERFACE TIMING - 5.0V
RECEIVER TIMING
SCK clock period
active after last SCK rising edge
t
10
ns
setup time to first SCK rising edge
t
10
ns
hold time after last SCK falling edge
t
40
ns
inactive between SPI instructions
t
Delay - Last bit of received ARINC word to RFLAG(Full or Empty) - Hi Speed
t
16
µs
Received data available to SPI interface. RFLAG to
active
SPI receiver read or clear FIFO instruction to RFLAG
t
t
250
ns
20
ns
SPI SI Data set-up time to SCK rising edge
t
25
ns
SPI SI Data hold time after SCK rising edge
t
15
ns
SCK rise time
t
10
ns
SCK fall ime
t
10
ns
SO valid after SCK falling edge
t
125
ns
SO high-impedance after SCK falling edge
t
100
ns
Master Reset pulse width
t
150
ns
SCK clock period
t
390
ns
active after last SCK rising edge
t
10
ns
setup time to first SCK rising edge
t
10
ns
hold time after last SCK falling edge
t
40
ns
inactive between SPI instructions
t
35
ns
SPI SI Data set-up time to SCK rising edge
t
30
ns
SPI SI Data hold time after SCK rising edge
t
30
ns
SCK rise time
t
10
ns
SCK fall ime
t
10
ns
SO valid after SCK falling edge
t
195
ns
SO high-impedance after SCK falling edge
t
100
ns
Master Reset pulse width
t
150
ns
Delay - Last bit of received ARINC word to RFLAG(Full or Empty) - Lo Speed
t
126
µs
t0
ns
155
ns
CYC
CPH
DS
DH
SCKR
SCKF
DV
CHZ
CYC
CHH
CES
CEH
CPH
DS
DH
SCKR
SCKF
DV
CHZ
RFLG
RXR
CS
CS
CS
CS
CS
CHH
CES
CEH
RFLG
SPIF
MR
MR
SPI INTERFACE TIMING - 3.3V
CS
CS
CS
CS


Similar Part No. - HI-3588PQTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588PQTF HOLTIC-HI-3588PQTF Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3588PQTF HOLTIC-HI-3588PQTF Datasheet
100Kb / 11P
   Receiver with SPI Interface
More results

Similar Description - HI-3588PQTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593_13 Datasheet
140Kb / 23P
   3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com