Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8282A Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8282A
Description  ARINC 429 Serial Transmitter and Dual Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282A Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8282A_13 Datasheet HTML 1Page - Holt Integrated Circuits HI-8282A_13 Datasheet HTML 2Page - Holt Integrated Circuits HI-8282A_13 Datasheet HTML 3Page - Holt Integrated Circuits HI-8282A_13 Datasheet HTML 4Page - Holt Integrated Circuits HI-8282A_13 Datasheet HTML 5Page - Holt Integrated Circuits HI-8282A_13 Datasheet HTML 6Page - Holt Integrated Circuits HI-8282A_13 Datasheet HTML 7Page - Holt Integrated Circuits HI-8282A_13 Datasheet HTML 8Page - Holt Integrated Circuits HI-8282A_13 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FUNCTIONAL DESCRIPTION
DATA
BUS
FUNCTION
CONTROL
DESCRIPTION
PIN
If enabled, an internal connection
BDO5
SELF TEST
0 = ENABLE
is made passing 429DO and
to the receiver logic inputs
RECEIVER 1
If enabled, ARINC bits 9 and,
BDO6
DECODER
1 = ENABLE
10 must match the next two
control word bits
If Receiver 1 Decoder is
BDO7
-
-
enabled, the ARINC bit 9
must match this bit
If Receiver 1 Decoder is
BDO8
-
-
enabled, the ARINC bit 10
must match this bit
RECEIVER 2
If enabled, ARINC bits 9 and
BDO9
DECODER
1 = ENABLE
10 must match the next two
control word bits
If Receiver 2 Decoder is
BD10
-
-
enabled, then ARINC bit 9
must match this bit
If Receiver 2 Decoder is
BD11
-
-
enabled, then ARINC bit 10
must match this bit
INVERT
Logic 0 enables normal odd parity
BD12
XMTR
1 = ENABLE
and Logic 1 enables even parity
PARITY
output in transmitter 32nd bit
BD13
XMTR DATA
0 = ÷10
CLK is divided either by 10 or
CLK SELECT
1 = ÷80
80 to obtain XMTR data clock
BD14
RCVR DTA
0 = ÷10
CLK is divided either by 10 or
CLK SELECT
1 = ÷80
80 to obtain RCVR data clock
429DO
CONTROL WORD REGISTER
The HI-8282A contains 10 data flip flops whose D inputs are con-
nected to the data bus and clocks connected to
. Each
flip flop provides options to the user as follows:
CWSTR
THE RECEIVERS
ARINC BUS INTERFACE
Figure 1 shows the input circuit for each receiver. The ARINC 429
specification requires the following detection levels:
The HI-8282A guarantees recognition of these levels with a common
mode Voltage with respect to GND less than ±5V for the worst case
condition (4.75V supply and 13v signal level).
Design tolerances guarantee detection of the above levels, so the
actual acceptance ranges are slightly larger. If the ARINC signal is
out of the actual acceptance ranges, including the nulls, the chip
rejects the data.
STATE
DIFFERENTIAL VOLTAGE
ONE
+6.5 Volts to +13 Volts
NULL
+2.5 Volts to -2.5 Volts
ZERO
-6.5 Volts to -13 Volts
HI-8282A-10
The HI-8282A-10 option is similar to the HI-8282A with the exception
that it allows an external 10K to 15K ohm resistor to be added in
series with each ARINC input without affecting the ARINC input
thresholds. This option is especially useful in applications where
lightning protection circuitry is also required.
Each side of the ARINC bus must be connected through a 10K to 15K
ohm series resistor in order for the chip to detect the correct ARINC
levels. The typical 10 volt differential signal is translated and input to
a window comparator and latch. The comparator levels are set so
that with the external 10K to 15K ohm resistors, they are just below
the standard 6.5 V minimum ARINC data threshold and just above
the 2.5 V maximum ARINC null threshold.
The receivers of the HI-8282A-10, when used with external
15K ohm resistors, will withstand DO-160F, Level 3, waveforms 3,
4, 5A and 5B pin injection. No additional lightning protection circuit
is necessary.
Please refer to the Holt AN-300 Application Note for additional
information and recommendations on lightning protection of Holt
Line Drivers and Receivers.
vcc
GND
GND
429DI1(B)
OR
429DI2(B)
429DI1(A)
OR
429DI2(A)
DIFFERENTIAL
AMPLIFIERS
ONES
COMPARATORS
NULL
ZEROES
vcc
FIGURE 1. ARINC RECEIVER INPUT
ARINC 429 DATA FORMAT
The following table shows the bit positions in exchanging data with the
receiver or transmitter.
ARINC bit 1 is the first bit transmitted or
received.
DATA
BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD
BUS
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
ARINC
13
12
11
10
9
31
30
32
12345678
BIT
BYTE 1
BYTE 2
DATA
BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD
BUS
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
ARINC
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
BIT
HI-8282A
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8282A_13

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282ACDI HOLTIC-HI-8282ACDI Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282ACDI HOLTIC-HI-8282ACDI Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282ACDI-10 HOLTIC-HI-8282ACDI-10 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282ACDM HOLTIC-HI-8282ACDM Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282ACDM HOLTIC-HI-8282ACDM Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results

Similar Description - HI-8282A_13

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com