Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8282ACLI Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8282ACLI
Description  ARINC 429 Serial Transmitter and Dual Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282ACLI Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8282ACLI Datasheet HTML 1Page - Holt Integrated Circuits HI-8282ACLI Datasheet HTML 2Page - Holt Integrated Circuits HI-8282ACLI Datasheet HTML 3Page - Holt Integrated Circuits HI-8282ACLI Datasheet HTML 4Page - Holt Integrated Circuits HI-8282ACLI Datasheet HTML 5Page - Holt Integrated Circuits HI-8282ACLI Datasheet HTML 6Page - Holt Integrated Circuits HI-8282ACLI Datasheet HTML 7Page - Holt Integrated Circuits HI-8282ACLI Datasheet HTML 8Page - Holt Integrated Circuits HI-8282ACLI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FUNCTIONAL DESCRIPTION (cont.)
TRANSMITTER
A block diagram of the transmitter section is shown in Figure 3.
The FIFO is loaded sequentially by first pulsing
to load byte 1
and then
to load byte 2. The control logic automatically loads
the 31 bit word in the next available position of the FIFO. If TX/R,
the transmitter ready flag, is high (FIFO empty), then 8 words,
each 31 bits long, may be loaded. If TX/R is low, then only the
available positions may be loaded. If all 8 positions are full, the
FIFO ignores further attempts to load data.
When ENTX goes high, enabling transmission, the FIFO
positions are incremented with the top register loading into the
data transmission shift register. Within 2.5 data clocks the first
data bit appears at either 429DO or
. The 31 bits in the
data transmission shift register are presented sequentially to the
outputs in the ARINC 429 format with the following timing:
ARINC DATA BIT TIME
10 Clocks
80 Clocks
DATA BIT TIME
5 Clocks
40 Clocks
NULL BIT TIME
5 Clocks
40 Clocks
WORD GAP TIME
40 Clocks
320 Clocks
The word counter detects when all loaded positions are trans-
mitted and sets the transmitter ready flag, TX/R, high.
FIFO OPERATION
DATA TRANSMISSION
PL1
PL2
429DO
HIGH SPEED
LOW SPEED
TRANSMITTER PARITY
The parity generator counts the ONES in the 31-bit word. If the
BD12 control word bit is set low, the 32nd bit transmitted will
make parity odd. If the control bit is high, the parity is even.
The two receivers are independent of the transmitter. Therefore,
control of data exchanges is strictly at the option of the user. The
only restrictions are:
1. The received data may be overwritten if not retrieved
within one ARINC word cycle.
2. The FIFO can store 8 words maximum and ignores
attempts to load addition data if full.
3. Byte 1 of the transmitter data must be loaded first.
4. Either byte of the received data may be retrieved first.
Both bytes must be retrieved to clear the data ready flag.
5. After ENTX, transmission enable, goes high it cannot go
low until TX/R, transmitter ready flag, goes high. Otherwise,
one ARINC word is lost during transmission.
SELF TEST
SYSTEM OPERATION
If the BD05 control word bit is set low, 429DO or
are
internally connected to the receivers inputs, bypassing the
interface circuitry. Data to Receiver 1 is as transmitted and data to
Recevier 2 is the complement. 429DO and
outputs remain
active during self test.
429DO
429DO
MASTER RESET (
)
MR
Upon Master Reset, data transmission and reception are
immediately terminated, the transmit FIFO and receivers
cleared as are the transmit and receive flags. The Control Word
register is not affected by a Master Reset.
FIGURE 3. TRANSMITTER BLOCK DIAGRAM
BIT BD12
DATA
CLOCK
CONTROL BIT BD13
PL1
PL2
CLK
TX CLK
PARITY
GENERATOR
DATA AND
NULL TIMER
SEQUENCER
BIT
AND
WORD GAP
COUNTER
START
SEQUENCE
WORD COUNTER
AND
FIFO CONTROL
INCREMENT
WORD COUNT
DATA CLOCK
DIVIDER
FIFO
LOADING
SEQUENCER
429DO
429DO
8 X 31 FIFO
31 BIT PARALLEL
LOAD SHIFT REGISTER
BIT CLOCK
WORD CLOCK
ADDRESS
LOAD
DATA BUS
TX/R
ENTX
HI-8282A
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-8282ACLI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282ACLI HOLTIC-HI-8282ACLI Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282ACLI HOLTIC-HI-8282ACLI Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282ACLI-10 HOLTIC-HI-8282ACLI-10 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results

Similar Description - HI-8282ACLI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com