Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3593PCMF Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-3593PCMF
Description  3.3V ARINC 429 Dual Receiver,Single Transmitter with SPI Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3593PCMF Datasheet(HTML) 7 Page - Holt Integrated Circuits

Back Button HI-3593PCMF Datasheet HTML 3Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 4Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 5Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 6Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 7Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 8Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 9Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 10Page - Holt Integrated Circuits HI-3593PCMF Datasheet HTML 11Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
HOLT INTEGRATED CIRCUITS
7
HI-3593
Bit Name
7-6 R2INT[1:0]
5-4 R2FLAG[1:0]
1-0 R1FLAG[1:0]
R/W
R/W
Default
Description
R/W
0
The value of R2INT[1:0] defines the function of the R2INT output pin, as follows:
00
R2INT pulses high when a valid message is received and
placed in the Receiver 2 FIFO or any of the Receiver 2 Priority-
Label mail boxes
01
R2INT pulses high when a message is received in Receiver 2
Priority-Label mail box #1
10
R2INT pulses high when a message is received in Receiver 2
Priority-Label mail box #2
11
R2INT pulses high when a message is received in Receiver 2
Priority-Label mail box #3
R/W
0
The value of R2FLAG[1:0] defines the function of the R2FLAG output pin, as follows:
00
R2FLAG goes high when Receiver 2 FIFO is empty
01
R2FLAG goes high when Receiver 2 FIFO contains 32 ARINC
429 words (FIFO is full)
10
R2FLAG goes high when Receiver 2 FIFO contains at least
sixteen ARINC 429 words (FIFO is half-full)
11
R2FLAG goes high when Receiver 2 FIFO contains one or more
words (FIFO is not empty)
3-2 R1INT[1:0]
R/W
0
The value of R1INT[1:0] defines the function of the R1INT output pin, as follows:
00
R1INT pulses high when a valid message is received and
placed in the Receiver 1 FIFO or any of the Receiver 1 Priority-
Label mail boxes
01
R1INT pulses high when a message is received in Receiver 1
Priority-Label mail box #1
10
R1INT pulses high when a message is received in Receiver 1
Priority-Label mail box #2
11
R1INT pulses high when a message is received in Receiver 1
Priority-Label mail box #3
0
The value of R1FLAG[1:0] defines the function of the R1FLAG output pin, as follows:
00
R1FLAG goes high when Receiver 1 FIFO is empty
01
R1FLAG goes high when Receiver 1 FIFO contains 32 ARINC
429 words (FIFO is full)
10
R1FLAG goes high when Receiver 1 FIFO contains at least
sixteen ARINC 429 words (FIFO is half-full)
11
R1FLAG goes high when Receiver 1 FIFO contains one or more
words (FIFO is not empty)
76543210
MSB
LSB
FLAG / INTERRUPT ASSIGNMENT REGISTER
(Write, SPI Op-code 0x34)
(Read, SPI Op-code 0xD0)


Similar Part No. - HI-3593PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593PCMF HOLTIC-HI-3593PCMF Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
More results

Similar Description - HI-3593PCMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3593 HOLTIC-HI-3593 Datasheet
143Kb / 23P
   3.3V ARINC 429 Dual Receiver, Single Transmitter with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com