Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3596PCIF Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-3596PCIF
Description  Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3596PCIF Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-3596PCIF Datasheet HTML 1Page - Holt Integrated Circuits HI-3596PCIF Datasheet HTML 2Page - Holt Integrated Circuits HI-3596PCIF Datasheet HTML 3Page - Holt Integrated Circuits HI-3596PCIF Datasheet HTML 4Page - Holt Integrated Circuits HI-3596PCIF Datasheet HTML 5Page - Holt Integrated Circuits HI-3596PCIF Datasheet HTML 6Page - Holt Integrated Circuits HI-3596PCIF Datasheet HTML 7Page - Holt Integrated Circuits HI-3596PCIF Datasheet HTML 8Page - Holt Integrated Circuits HI-3596PCIF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HI-3596, HI-3597, HI-3598, HI-3599
HOLT INTEGRATED CIRCUITS
2
BLOCK DIAGRAMS
RIN1A
RIN1B
SCK
CS
SI
SO
ACLK
GND
40 Kohm
40 Kohm
RIN1A-40
RIN1B-40
FLAG1
FLAG2
FLAG3
FLAG4
FLAG5
FLAG6
FLAG8
FLAG
{
MR
FLAG7
HI-3596 & HI-3598
SPI
Interface
TX1, TX0
Channel 1
Ch 8
Ch 7
Ch 6
Ch 4
Ch 3
Ch 2
Ch 5
Transmit Register
VDD
Status Register
ARINC 429
Bus 1
BUS 2
Control Register
BUS 3
BUS 4
BUS 5
BUS 6
BUS 7
BUS 8
ARINC 429
valid word
checker
ARINC 429
Line Receiver
ARINC 429
Received
Data FIFO
(4 words)
Label
Filter
16 Label
Filter
Memory
NOTE:
RIN1A & RIN1B available only on HI-3596
RIN1A-40 & RIN1B-40 available only on HI-3596-40
TX1, TX0
(HI-3597 only)
*NOTE: RIN1A & RIN1B
are not available
on HI-3597
VDD
SPI
Interface
Status Register
ARINC 429
Received
Data FIFO
(4 words)
Label
Filter
ARINC 429
valid word
checker
ARINC 429
Line Receiver
16 Label
Filter
Memory
RIN1A*
RIN1B*
SCK
CS
SI
SO
ACLK
GND
40 Kohm
40 Kohm
Channel 1
Ch 8
Ch 7
Ch 6
Ch 4
Ch 3
Ch 2
Ch 5
ARINC 429
Bus 1
FLAG
{
HI-3597 & HI-3599 (24-pin versions)
BUS 2
Control Register
Transmit Register
The 40 Kohm resistors are shorted on the
HI-3597-40 and HI-3599-40
BUS 3
BUS 4
BUS 5
BUS 6
BUS 7
BUS 8
Figure 1. BlockDiagrams


Similar Part No. - HI-3596PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
More results

Similar Description - HI-3596PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com