Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8282ACDT-10 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8282ACDT-10
Description  ARINC 429 Serial Transmitter and Dual Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282ACDT-10 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8282ACDT-10 Datasheet HTML 1Page - Holt Integrated Circuits HI-8282ACDT-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-8282ACDT-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8282ACDT-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8282ACDT-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8282ACDT-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8282ACDT-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8282ACDT-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8282ACDT-10 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FUNCTIONAL DESCRIPTION (cont.)
SEL
EN
D/R
DECODER
CONTROL
BITS
/
MUX
CONTROL
LATCH
ENABLE
CONTROL
32 TO 16 DRIVER
32 BIT LATCH
32 BIT SHIFT REGISTER
TO PINS
CONTROL
BIT BD14
CLOCK
OPTION
CLOCK
CLK
BIT
COUNTER
AND
END OF
SEQUENCE
PARITY
CHECK
32ND
BIT
DATA
BIT CLOCK
EOS
WORD GAP
WORD GAP
TIMER
BIT CLOCK
END
START
SEQUENCE
CONTROL
ERROR
CLOCK
ERROR
DETECTION
SHIFT REGISTER
SHIFT REGISTER
NULL
ZEROS
SHIFT REGISTER
ONES
EOS
BITS9&10
FIGURE 2. RECEIVER BLOCK DIAGRAM
HI-8282A
RECEIVER LOGIC OPERATION
BIT TIMING
BIT RATE
PULSE RISE TIME
PULSE FALL TIME
PULSE WIDTH
Figure 2 is a block diagram showing each receiver’s logic.
ARINC 429 specifies the following timing for received data:
100K BPS ± 1%
12K -14.5K BPS
1.5 ± 0.5 µsec
10 ± 5 µsec
1.5 ± 0.5 µsec
10 ± 5 µsec
5 µsec ± 5%
34.5 - 41.7 µsec
The HI-8282A accepts signals meeting these specifications and re-
jects signals outside these tolerances using the method described
here:
1. The timing logic requires an accurate 1.0 MHz clock
source. Less than 0.1% error is recommended.
2. The sampling shift registers are 10 bits long and must
show three consecutive Ones, Zeros or Nulls to be consid-
ered valid data. To qualify data bits, One or Zero in the upper
bits of the sampling shift register must be followed by Null in
the lower bits within the data bit time. A word gap Null re-
quires three consecutive Nulls in both the upper and lower
bits of the sampling shift register. This guarantees the mini-
mum pulse width.
HIGH SPEED
LOW SPEED
3. Each data bit must follow its predecessor by not less than
8 samples and not more than 12 samples. In this manner the
bit rate is checked. With exactly 1 MHz input clock frequency,
the acceptable data bit rates are as follows:
83K BPS
10.4K BPS
125K BPS
15.6K BPS
DATA BIT RATE MIN
DATA BIT RATE MAX
HIGH SPEED
LOW SPEED
4. The Word Gap timer samples the Null shift register every
10 input clocks (80 for low speed) after the last data bit of a
valid reception. If the Null is present, the Word Gap counter
is incremented. A count of 3 enables the next reception.
The 32nd bit of received ARINC words stored in the receive FIFO
is used as a Parity Flag indicating whether good Odd parity is re-
ceived from the incoming ARINC word.
The parity bit is reset to indicate correct parity was received
and the resulting word is then written to the receive FIFO.
The receiver sets the 32nd bit to a “1”, indicating a parity error
and the resulting word is then written to the receive FIFO.
Therefore, the 32nd bit retrieved from the receiver FIFO will al-
ways be a “0” when valid (odd parity) ARINC 429 words are re-
ceived.
Once 32 valid bits are recognized, the receiver logic generates an
End of Sequence (EOS). If the receiver decoder is enabled and
the 9th and 10th ARINC bits match the control word program bits
or if the receiver decoder is disabled, then EOS clocks the data
ready flag flip flop to a "1",
or
(or both) will go low. The
data flag for a receiver remains low until after
ARINC bytes
from that receiver are retrieved. This is accomplished by first acti-
vating
with SEL, the byte selector, low to retrieve the first byte
and then activating
with SEL high to retrieve the second byte.
retrieves data from receiver 1 and
retrieves data from re-
ceiver 2.
If another ARINC word is received and a new EOS occurs before
the two bytes are retrieved, the data is overwritten by the new
word.
RECEIVER PARITY
Odd Parity Received
Even Parity Received
RETRIEVING DATA
D/R1
D/R2
EN
EN
EN1
EN2
both
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-8282ACDT-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282ACDT-10 HOLTIC-HI-8282ACDT-10 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results

Similar Description - HI-8282ACDT-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com