Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3599PCTF Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-3599PCTF
Description  Octal ARINC 429 Receiverswith Label Recognition and SPI Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3599PCTF Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-3599PCTF Datasheet HTML 1Page - Holt Integrated Circuits HI-3599PCTF Datasheet HTML 2Page - Holt Integrated Circuits HI-3599PCTF Datasheet HTML 3Page - Holt Integrated Circuits HI-3599PCTF Datasheet HTML 4Page - Holt Integrated Circuits HI-3599PCTF Datasheet HTML 5Page - Holt Integrated Circuits HI-3599PCTF Datasheet HTML 6Page - Holt Integrated Circuits HI-3599PCTF Datasheet HTML 7Page - Holt Integrated Circuits HI-3599PCTF Datasheet HTML 8Page - Holt Integrated Circuits HI-3599PCTF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
HI-3596, HI-3597, HI-3598, HI-3599
HOLT INTEGRATED CIRCUITS
3
PIN DESCRIPTIONS
Table 1. Pin Descriptions
Pin
Function Description
3596 3597 3598 3599
VDD
POWER 3.3V or 5.0V power supply
X
X
X
X
GND
POWER Chip 0V supply
X
X
X
X
CS
INPUT
Chip select. Data is shifted into SI and out of SO when
CS is low
X
X
X
X
SCK
INPUT
SPIClock.DataisshiftedintooroutoftheSPIinterface
using SCK
X
X
X
X
SI
INPUT
SPI interface serial data input
X
X
X
X
SO
OUTPUT SPI interface serial data output
X
X
X
X
ACLK
INPUT
Master 1 MHz timing reference for the ARINC 429
receiver and transmitter
X
X
X
X
RIN1A* - RIN8A
ARINC
INPUT
ARINC receiver positive input. Direct connection to
ARINC 429 bus
Std
Std
X
Std
RIN1B* - RIN8B
ARINC
INPUT
ARINC receiver negative input. Direct connection to
ARINC 429 bus
Std
Std
X
Std
RIN1A-40* - RIN8A-40
ARINC
INPUT
Alternate ARINC receiver positive input. Requires
external40KΩresistor
-40
-40
X
-40
RIN1B-40* - RIN8B-40
ARINC
INPUT
Alternate ARINC receiver negative input. Requires
external40KΩresistor
-40
-40
X
-40
FLAG1 - FLAG8
OUTPUT Goes high when ARINC 429 receiver FIFO is not empty
(CR1=0), or full (CR1=1)
X
-
X
-
FLAG
OUTPUT Logical OR of FLAG1 through FLAG8
X
X
X
X
TX1
OUTPUT ARINC 429 test word ONE state serial output pin
X
X
X
-
TX0
OUTPUT ARINC 429 test word ZERO state serial output pin
X
X
X
-
MR
INPUT
Hardware active high Master Reset. Clears all
receivers and FIFOs. Does not affect Control Register
contents.
X
-
X
-
* NOTE: RIN1A & RIN1B are not available on HI-3597


Similar Part No. - HI-3599PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3599 HOLTIC-HI-3599 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
More results

Similar Description - HI-3599PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3596 HOLTIC-HI-3596 Datasheet
208Kb / 18P
   Octal ARINC 429 Receivers with Label Recognition and SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-3585 HOLTIC-HI-3585 Datasheet
117Kb / 14P
   ARINC 429 May 2009 Terminal IC with SPI Interface
logo
Device Engineering Inco...
DEI1148 DEIAZ-DEI1148 Datasheet
532Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
DEI1046A DEIAZ-DEI1046A Datasheet
211Kb / 8P
   OCTAL ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com