Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8581PQTF Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-8581PQTF
Description  ARINC 429 Transmitter with Line Driver and Dual Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8581PQTF Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-8581PQTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8581PQTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8581PQTF Datasheet HTML 9Page - Holt Integrated Circuits HI-8581PQTF Datasheet HTML 10Page - Holt Integrated Circuits HI-8581PQTF Datasheet HTML 11Page - Holt Integrated Circuits HI-8581PQTF Datasheet HTML 12Page - Holt Integrated Circuits HI-8581PQTF Datasheet HTML 13Page - Holt Integrated Circuits HI-8581PQTF Datasheet HTML 14Page - Holt Integrated Circuits HI-8581PQTF Datasheet HTML 15Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LIMITS
PARAMETER
SYMBOL
UNITS
MIN
TYP
MAX
CONTROL WORD TIMING
RECEIVER TIMING
FIFO TIMING
TRANSMISSION TIMING
LINE DRIVER OUTPUT TIMING
Pulse Width -
t
80
ns
Setup - DATA BUS Valid to
HIGH
t
50
ns
Hold -
HIGH to DATA BUS Hi-Z
t
10
ns
Delay - Start ARINC 32nd Bit to
LOW: High Speed
t
16
µs
Low Speed
t
128
µs
Delay -
LOW to
LOW
t
0
ns
Delay -
LOW to
HIGH
t
200
ns
Setup - SEL to
LOW
t
10
ns
Hold - SEL to
HIGH
t
10
ns
Delay -
LOW to DATA BUS Valid
t
50
100
ns
Delay -
HIGH to DATA BUS Hi-Z
t
30
ns
Pulse Width -
or
t
80
ns
Spacing -
HIGH to next
LOW
t
50
ns
Pulse Width -
or
t
80
ns
Setup - DATA BUS Valid to
HIGH
t
50
ns
Hold -
HIGH to DATA BUS Hi-Z
t
10
ns
Spacing -
or
t
0
ns
Delay -
HIGH to TX/R LOW
t
840
ns
Spacing -
HIGH to ENTX HIGH
t
0
µs
Delay - 32nd ARINC Bit to TX/R HIGH
t
50
ns
Spacing - TX/R HIGH to ENTX LOW
t
0
ns
Line driver transition differential times:
high to low
t
1.0
1.5
2.0
CWSTR
CWSTR
CWSTR
D/R
D/R
EN
EN
D/R
EN
EN
EN
EN
EN1
EN2
EN
EN
PL1
PL2
PL
PL
PL1
PL2
PL2
PL2
CWSTR
CWSET
CWHLD
D/R
D/R
D/REN
END/R
SELEN
ENSEL
ENDATA
DATAEN
EN
ENEN
PL
DWSET
DWHLD
PL12
TX/R
PL2EN
DTX/R
ENTX/R
fx
Delay - ENTX HIGH to TXA(OUT) or TXB(OUT): High Speed
t
25
µs
Delay - ENTX HIGH to TXA(OUT) or TXB(OUT): Low Speed
t
200
µs
(High Speed)
µs
low to high
t
1.0
1.5
2.0
µs
(Low Speed)
high to low
t
5.0
10
15
µs
low to high
t
5.0
10
15
µs
Delay -
LOW to
LOW
t
0
ns
Hold -
HIGH to
HIGH
t
0
ns
Delay - TX/R LOW to ENTX HIGH
t
0
ns
t
400
ns
±1%
ENDAT
ENDAT
rx
fx
rx
ENPL
PLEN
TX/REN
MR
REPEATER OPERATION TIMING
MASTER RESET PULSE WIDTH
ARINC DATA RATE AND BIT TIMING
EN
PL
PL
EN
AC ELECTRICAL CHARACTERISTICS
Vcc = 5V, V+=10V, V- = -10V, GND = 0V, TA = Oper. Temp. Range and fclk = 1MHz 0.1% with 60/40 duty cycle
+
HI-8581, HI-8589
HOLT INTEGRATED CIRCUITS
11


Similar Part No. - HI-8581PQTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581PQTF HOLTIC-HI-8581PQTF Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581PQTF-10 HOLTIC-HI-8581PQTF-10 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
More results

Similar Description - HI-8581PQTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8599 HOLTIC-HI-8599_12 Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI-8448 HOLTIC-HI-8448_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI-8581 HOLTIC-HI-8581_06 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8281 HOLTIC-HI-8281 Datasheet
302Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEICER
HI-8581 HOLTIC-HI-8581 Datasheet
480Kb / 15P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8281 HOLTIC-HI-8281_03 Datasheet
379Kb / 13P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8599 HOLTIC-HI-8599 Datasheet
118Kb / 12P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8590 HOLTIC-HI-8590 Datasheet
97Kb / 8P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com