Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9N2357D3ST Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ISL9N2357D3ST
Description  30V, 0.007 Ohm, 35A, N-Channel UltraFET Trench Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9N2357D3ST Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ISL9N2357D3ST Datasheet HTML 1Page - Fairchild Semiconductor ISL9N2357D3ST Datasheet HTML 2Page - Fairchild Semiconductor ISL9N2357D3ST Datasheet HTML 3Page - Fairchild Semiconductor ISL9N2357D3ST Datasheet HTML 4Page - Fairchild Semiconductor ISL9N2357D3ST Datasheet HTML 5Page - Fairchild Semiconductor ISL9N2357D3ST Datasheet HTML 6Page - Fairchild Semiconductor ISL9N2357D3ST Datasheet HTML 7Page - Fairchild Semiconductor ISL9N2357D3ST Datasheet HTML 8Page - Fairchild Semiconductor ISL9N2357D3ST Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
ISL9N2357D3ST Rev. B1
ISL9N2357D3ST
30V, 0.007 Ohm, 35A, N-Channel
UltraFET® Trench Power MOSFET
UltraFET® Trench from Fairchild is a new advanced
MOSFET technology that achieves the lowest possible on-
resistance per silicon area while maintaining fast switching
and low gate charge. The reduced conduction and switching
losses extend battery life in notebook PCs, cellular
telephones and other portable information appliances and
improve the overall efficiency of high frequency DC-DC
converters used to power the latest microprocessors.
Packaging
ISL9N2357D3ST
JEDEC TO-252AA
Features
•rDS(ON) = 0.006Ω Typical, VGS = 10V
•Qg Total 85nC Typical, VGS = 10V
•Qgd 16nC Typical
•CISS 5600pF Typical
Symbol
GATE
SOURCE
DRAIN (FLANGE)
Ordering Information
PART NUMBER
PACKAGE
BRAND
ISL9N2357D3ST
TO-252AA
N2357D
NOTE: When ordering, use the entire part number.
e.g., ISL9N2357D3ST.
UltraFET® Trench
D
G
S
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
SYMBOL
PARAMETER
ISL9N2357D3ST
UNITS
VDSS
Drain to Source Voltage (Note 1)
30
V
VDGR
Drain to Gate Voltage (RGS = 20kΩ) (Note 1)
30
V
VGS
Gate to Source Voltage
±20
V
ID
ID
IDM
Drain Current
Continuous (TC = 25
oC, V
GS = 10V) (Figure 2)
Continuous (TC = 100
oC, V
GS = 10V)
Pulsed Drain Current
35
35
Figure 4
A
A
A
PD
Power Dissipation
Derate Above 25oC
100
0.67
W
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
TL
Tpkg
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s
Package Body for 10s, See Techbrief TB334
300
260
oC
oC
THERMAL SPECIFICATIONS
RθJC
Thermal Resistance Junction to Case, TO-252
1.5
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252
100
oC/W
NOTE:
1. TJ = 25
oC to 150oC.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Data Sheet
June 2002


Similar Part No. - ISL9N2357D3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9N302AP3 FAIRCHILD-ISL9N302AP3 Datasheet
122Kb / 10P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
logo
Inchange Semiconductor ...
ISL9N302AP3 ISC-ISL9N302AP3 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
ISL9N302AS3ST FAIRCHILD-ISL9N302AS3ST Datasheet
253Kb / 11P
   N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs
ISL9N303AP3 FAIRCHILD-ISL9N303AP3 Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?
logo
Inchange Semiconductor ...
ISL9N303AP3 ISC-ISL9N303AP3 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - ISL9N2357D3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75345G3 FAIRCHILD-HUF75345G3 Datasheet
286Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75345G3 INTERSIL-HUF75345G3 Datasheet
100Kb / 9P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
ISL9N7030BLP3 FAIRCHILD-ISL9N7030BLP3 Datasheet
197Kb / 10P
   30V, 0.009 Ohm, 75A, N-Channel Logic Level UltraFET Trench Power MOSFETs
logo
Intersil Corporation
HUF76113SK8 INTERSIL-HUF76113SK8 Datasheet
384Kb / 11P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76132SK8 INTERSIL-HUF76132SK8 Datasheet
123Kb / 11P
   11.5A, 30V, 0.0115 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76121SK8 INTERSIL-HUF76121SK8 Datasheet
124Kb / 11P
   8A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113SK8 FAIRCHILD-HUF76113SK8 Datasheet
326Kb / 12P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com