Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3200PQMF Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-3200PQMF
Description  AVIONICS DATA MANAGEMENT ENGINE
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3200PQMF Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-3200PQMF Datasheet HTML 7Page - Holt Integrated Circuits HI-3200PQMF Datasheet HTML 8Page - Holt Integrated Circuits HI-3200PQMF Datasheet HTML 9Page - Holt Integrated Circuits HI-3200PQMF Datasheet HTML 10Page - Holt Integrated Circuits HI-3200PQMF Datasheet HTML 11Page - Holt Integrated Circuits HI-3200PQMF Datasheet HTML 12Page - Holt Integrated Circuits HI-3200PQMF Datasheet HTML 13Page - Holt Integrated Circuits HI-3200PQMF Datasheet HTML 14Page - Holt Integrated Circuits HI-3200PQMF Datasheet HTML 15Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
HOLT INTEGRATED CIRCUITS
11
ADDRESS
R/W
REGISTER
MNEMONIC
DESCRIPTION
0x805F
R/W
PINS ARXBIT[7:0]
ARXBIT
Values of pins ARXBIT[7:0]
0x8060
R/W
PIN ARXBIT0 CONFIG REG 1
ARX0CR1
ARINC 429 bit Monitor 0 channel & bit select
0x8061
R/W
PIN ARXBIT0 CONFIG REG 2
ARX0CR2
ARINC 429 bit Monitor 0 label select
0x8062
R/W
PIN ARXBIT1 CONFIG REG 1
ARX1CR1
ARINC 429 bit Monitor 1 channel & bit select
0x8063
R/W
PIN ARXBIT1 CONFIG REG 2
ARX1CR2
ARINC 429 bit Monitor 1 label select
0x8064
R/W
PIN ARXBIT2 CONFIG REG 1
ARX2CR1
ARINC 429 bit Monitor 2 channel & bit select
0x8065
R/W
PIN ARXBIT2 CONFIG REG 2
ARX2CR2
ARINC 429 bit Monitor 2 label select
0x8066
R/W
PIN ARXBIT3 CONFIG REG 1
ARX3CR1
ARINC 429 bit Monitor 3 channel & bit select
0x8067
R/W
PIN ARXBIT3 CONFIG REG 2
ARX3CR2
ARINC 429 bit Monitor 3 label select
0x8068
R/W
PIN ARXBIT4 CONFIG REG 1
ARX4CR1
ARINC 429 bit Monitor 4 channel & bit select
0x8069
R/W
PIN ARXBIT4 CONFIG REG 2
ARX4CR2
ARINC 429 bit Monitor 4 label select
0x806A
R/W
PIN ARXBIT5 CONFIG REG 1
ARX5CR1
ARINC 429 bit Monitor 5 channel & bit select
0x806B
R/W
PIN ARXBIT5 CONFIG REG 2
ARX5CR2
ARINC 429 bit Monitor 5 label select
0x806C
R/W
PIN ARXBIT6 CONFIG REG 1
ARX6CR1
ARINC 429 bit Monitor 6 channel & bit select
0x806D
R/W
PIN ARXBIT6 CONFIG REG 2
ARX6CR2
ARINC 429 bit Monitor 6 label select
0x806E
R/W
PIN ARXBIT7 CONFIG REG 1
ARX7CR1
ARINC 429 bit Monitor 7 channel & bit select
0x806F
R/W
PIN ARXBIT7 CONFIG REG 2
ARX7CR2
ARINC 429 bit Monitor 7 label select
0x8070
R
BIST CONTROL/STATUS
BISTS
Built-In Self-Test
0x8071
R
BIST FAIL ADDRESS [7:0]
BISTFL
Low-order failing BIST memory address
0x8072
R
BIST FAIL ADDRESS [12:8]
BISTFH
High-order failing BIST memory address
0x8073
R
AUTO-INIT FAIL LS ADDRESS [7:0]
AIFL
Auto-initialization fail address (low-byte)
0x8074
R
AUTO-INIT FAIL MS ADDRESS [15:8]
AIFH
Auto-initialization fail address (high byte)
HI-3200, HI-3201


Similar Part No. - HI-3200PQMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3200 HOLTIC-HI-3200_16 Datasheet
227Kb / 60P
   AVIONICS DATA MANAGEMENT ENGINE
More results

Similar Description - HI-3200PQMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3200 HOLTIC-HI-3200_16 Datasheet
227Kb / 60P
   AVIONICS DATA MANAGEMENT ENGINE
HI-3210 HOLTIC-HI-3210_16 Datasheet
173Kb / 45P
   ARINC 429 DATA MANAGEMENT ENGINE
HI-3210 HOLTIC-HI-3210_13 Datasheet
166Kb / 43P
   ARINC 429 DATA MANAGEMENT ENGINE
HI-3210 HOLTIC-HI-3210 Datasheet
168Kb / 42P
   ARINC 429 DATA MANAGEMENT ENGINE / Octal Receiver / Quad Transmitter
QSG-3200 HOLTIC-QSG-3200 Datasheet
412Kb / 6P
   Management Engine Evaluation Board
AN-165 HOLTIC-AN-165 Datasheet
1Mb / 17P
   Management Engine Evaluation Board
logo
Infineon Technologies A...
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
   Small engine management IC
Rev. 1.0 2021-03-23
logo
STMicroelectronics
AN4092 STMICROELECTRONICS-AN4092 Datasheet
663Kb / 38P
   Low to mid range engine management
logo
Infineon Technologies A...
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
   Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
   Engine management IC for Small Engines
Rev 1.0, 2012-10-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com