Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8583PQI Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8583PQI
Description  ARINC 429 System on a Chip
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8583PQI Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8583PQI Datasheet HTML 1Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 2Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 3Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 4Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 5Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 6Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 7Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 8Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
The HI-8582/HI-8583 guarantee recognition of these levels with a
common mode Voltage with respect to GND less than ±4V for the
worst case condition (4.75V supply and 13V signal level).
The tolerances in the design guarantee detection of the above
levels, so the actual acceptance ranges are slightly larger. If the
ARINC signal is out of the actual acceptance ranges, including the
nulls, the chip rejects the data.
RECEIVER LOGIC OPERATION
Figure 2 shows a block diagram of the logic section of each receiver.
BIT TIMING
The ARINC 429 specification contains the following timing specifi-
cation for the received data:
HIGH SPEED
LOW SPEED
BIT RATE
100K BPS ± 1% 12K -14.5K BPS
PULSE RISE TIME
1.5 ± 0.5 µsec
10 ± 5 µsec
PULSE FALL TIME
1.5 ± 0.5 µsec
10 ± 5 µsec
PULSE WIDTH
5 µsec ± 5%
34.5 to 41.7 µsec
If the NFD pin is high, the HI-8582/HI-8583 accept signals that meet
these specifications and rejects signals outside the tolerances.
The way the logic operation achieves this is described below:
3. Each data bit must follow its predecessor by not less than 8
samples and no more than 12 samples. In this manner the bit
rate is checked. With exactly 1MHz input clock frequency, the
acceptable data bit rates are as follows:
HIGH SPEED
LOW SPEED
DATA BIT RATE MIN
83K BPS
10.4K BPS
DATA BIT RATE MAX
125K BPS
15.6K BPS
4. The Word Gap timer samples the Null shift register every 10
input clocks (80 for low speed) after the last data bit of a valid
reception.
If the Null is present, the Word Gap counter is
incremented. A count of 3 will enable the next reception.
If NFD is held low, frequency discrimination is disabled and any
data stream totaling 32 bits is accepted even with gaps between
bits. The protocol still requires a word gap as defined in 4. above.
FUNCTIONAL DESCRIPTION (cont.)
THE RECEIVERS
ARINC BUS INTERFACE
Figure 1 shows the input circuit for each receiver. The ARINC 429
specification requires the following detection levels:
STATE
DIFFERENTIAL VOLTAGE
ONE
+6.5 Volts to +13 Volts
NULL
+2.5 Volts to -2.5 Volts
ZERO
-6.5 Volts to -13 Volts
1. Key to the performance of the timing checking logic is an ac-
curate 1MHz clock source. Less than 0.1% error is recom-
mended.
2. The sampling shift registers are 10 bits long and must show
three consecutive Ones, Zeros or Nulls to be considered valid
data. Additionally, for data bits, the One or Zero in the upper
bits of the sampling shift registers must be followed by a Null in
the lower bits within the data bit time. For a Null in the word gap,
three consecutive Nulls must be found in both the upper and
lower bits of the sampling shift register. In this manner the mini-
mum pulse width is guaranteed.
GND
GND
RIN1B
OR
RIN2B
RIN1A
OR
RIN2A
DIFFERENTIAL
AMPLIFIERS
ONES
COMPARATORS
NULL
ZEROES
VDD
VDD
FIGURE 1. ARINC RECEIVER INPUT
BYTE 2
DATA
BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD
BUS
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
ARINC
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
BIT
CR15=0
ARINC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
BIT
CR15=1
ARINC 429 DATA FORMAT
Control register bit CR15 is used to control how individual bits in the
received or transmitted ARINC word are mapped to the HI-8582/
HI-8583 data bus during data read or write operations. The
following table describes this mapping:
BYTE 1
DATA
BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD
BUS
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
ARINC
13
12
11
10
9
31
30
32
1
2
3
4
5
6
7
8
BIT
CR15=0
ARINC
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BIT
CR15=1
HI-8582, HI-8583
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-8583PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8583PQI HOLTIC-HI-8583PQI Datasheet
419Kb / 15P
   ARINC 429 SYSTEM ON A CHIP
HI-8583PQI HOLTIC-HI-8583PQI Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8583PQI-10 HOLTIC-HI-8583PQI-10 Datasheet
419Kb / 15P
   ARINC 429 SYSTEM ON A CHIP
HI-8583PQI-10 HOLTIC-HI-8583PQI-10 Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8583PQIF HOLTIC-HI-8583PQIF Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
More results

Similar Description - HI-8583PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8582 HOLTIC-HI-8582 Datasheet
419Kb / 15P
   ARINC 429 SYSTEM ON A CHIP
HI-8582 HOLTIC-HI-8582_06 Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585 Datasheet
132Kb / 7P
   ARINC 429 LIN DRIVER
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com