Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8582PQI-10 Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8582PQI-10
Description  ARINC 429 System on a Chip
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8582PQI-10 Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8582PQI-10 Datasheet HTML 1Page - Holt Integrated Circuits HI-8582PQI-10 Datasheet HTML 2Page - Holt Integrated Circuits HI-8582PQI-10 Datasheet HTML 3Page - Holt Integrated Circuits HI-8582PQI-10 Datasheet HTML 4Page - Holt Integrated Circuits HI-8582PQI-10 Datasheet HTML 5Page - Holt Integrated Circuits HI-8582PQI-10 Datasheet HTML 6Page - Holt Integrated Circuits HI-8582PQI-10 Datasheet HTML 7Page - Holt Integrated Circuits HI-8582PQI-10 Datasheet HTML 8Page - Holt Integrated Circuits HI-8582PQI-10 Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FIFO
LOAD
CONTROL
SEL
EN
CONTROL
BIT
/
R/W
CONTROL
32 TO 16 DRIVER
32 BIT SHIFT REGISTER
TO PINS
CONTROLBITS
CR0, CR14
CLOCK
OPTION
CLOCK
CLK
BIT
COUNTER
AND
END OF
SEQUENCE
PARITY
CHECK
32ND
BIT
DATA
BIT CLOCK
WORD GAP
WORD GAP
TIMER
BIT CLOCK
END
START
SEQUENCE
CONTROL
ERROR
CLOCK
ERROR
DETECTION
SHIFT REGISTER
SHIFT REGISTER
NULL
ZEROS
SHIFT REGISTER
ONES
EOS
FIGURE 2.
RECEIVER BLOCK DIAGRAM
LABEL /
DECODE
COMPARE
16 x 8
LABEL
MEMORY
32 X 32
FIFO
D/R
FF
MUX
CONTROL
CONTROL
BITS
HF
FUNCTIONAL DESCRIPTION (cont.)
HI-8582, HI-8583
RECEIVER PARITY
The 32nd bit of received ARINC words stored in the receive FIFO
is used as a Parity Flag indicating whether good Odd parity is
received from the incoming ARINC word.
Odd Parity Received
The parity bit is reset to indicate correct parity was received
and the resulting word is written to the receive FIFO.
Even Parity Received
The receiver sets the 32nd bit to a “1”, indicating a parity error
and the resulting word is then written to the receive FIFO.
Therefore, the 32nd bit retrieved from the receiver FIFO will always
be “0” when valid (odd parity) ARINC 429 words are received.
RETRIEVING DATA
Once 32 valid bits are recognized, the receiver logic generates an
End of Sequence (EOS). Depending upon the state of control
register bits CR2-CR11, the received ARINC 32-bit word is then
checked for correct decoding and label matching before being
loaded into the 32 x 32 receive FIFO.
CR2(3) ARINC word CR6(9) ARINC word
FIFO
matches
bits 9,10
label
match
CR7,8 (10,11)
0
X
0
X
Load FIFO
1
No
0
X
Ignore data
1
Yes
0
X
Load FIFO
0
X
1
No
Ignore data
0
X
1
Yes
Load FIFO
1
Yes
1
No
Ignore data
1
No
1
Yes
Ignore data
1
No
1
No
Ignore data
1
Yes
1
Yes
Load FIFO
ARINC words which do not meet the necessary 9th and 10th
ARINC bit or label matching are ignored and are not loaded into
the receive FIFO. The following table describes this operation.
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-8582PQI-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8582PQI-10 HOLTIC-HI-8582PQI-10 Datasheet
419Kb / 15P
   ARINC 429 SYSTEM ON A CHIP
HI-8582PQI-10 HOLTIC-HI-8582PQI-10 Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
More results

Similar Description - HI-8582PQI-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8582 HOLTIC-HI-8582 Datasheet
419Kb / 15P
   ARINC 429 SYSTEM ON A CHIP
HI-8582 HOLTIC-HI-8582_06 Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585 Datasheet
132Kb / 7P
   ARINC 429 LIN DRIVER
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com