Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8200PSHF Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8200PSHF
Description  Quad 10 Ohm 12V outside-the-rails
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8200PSHF Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8200PSHF Datasheet HTML 1Page - Holt Integrated Circuits HI-8200PSHF Datasheet HTML 2Page - Holt Integrated Circuits HI-8200PSHF Datasheet HTML 3Page - Holt Integrated Circuits HI-8200PSHF Datasheet HTML 4Page - Holt Integrated Circuits HI-8200PSHF Datasheet HTML 5Page - Holt Integrated Circuits HI-8200PSHF Datasheet HTML 6Page - Holt Integrated Circuits HI-8200PSHF Datasheet HTML 7Page - Holt Integrated Circuits HI-8200PSHF Datasheet HTML 8Page - Holt Integrated Circuits HI-8200PSHF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HOLT INTEGRATED CIRCUITS
www.holtic.com
GENERAL DESCRIPTION
The HI-8200H family are quad analog CMOS switches fabri-
cated with Silicon-on-Insulator (SOI) technology for latch-up
free operation and maximum switch isolation.
High voltage gate drive is en-
tirely created on-chip enabling +/-12V switching range from a
single 3.3V or 5V supply. These switches are ideally suited for
applications demanding low switch leakage when the power
pins are 0V.
They are opti-
mized for use in high temperature avionics applications. The de-
vices are capable of operating at extended temperature ranges
of -55°C to 175°C for plastic packages and -55°C to 200°C for
the ceramic CERDIP-16 package.
At 25 C and with VDD from 3.0V to 5.5V, the switch resistance
(RON) is typically 8
RON is independent of VDD. In a switch-
ing range of -5V to +5V, the maximum deviation of RON from
flat is less than 5%.
These switches conduct equally well in either direction. Power
down and Off state leakages are less than 10nA maximum.
Charge injection is less than 10pC. Switching times are typi-
cally 180ns to the On state and 60ns to the Off state. The on-
board charge pump allows an On/Off cycle time of 5KHz for all
four switches simultaneously before the switching range be-
comes restricted.
The HI-8200H provides four each normally open switches
when the switch control inputs are low. The HI-8201H provides
four each normally closed switches when the switch control in-
puts are low. The HI-8202H provides a combination of two nor-
mally closed and two normally open switches.
°
W.
FEATURES
·
·
W
Extended Temperature Ranges
-55°C to 175°C (plastic packages)
-55°C to 200°C (ceramic CERDIP-16 package)
CMOS analog switches with up to +/-12V switching range
from a single 3.3V or 5V supply
Low RON: 10
max at 25°C
Robust CMOS Silicon-on-Insulator (SOI) technology
Switch nodes are open-circuit when chip is powered down
SOI switch isolation with 1nA typical Off leakage
ESD protection > 4KV HBM
Fast switching time with break-before-make
Low power
·
·
·
·
·
·
·
·
·
August 2013
(DS8200H Rev. New)
08/13
HI-8200H, HI-8201H, HI-8202H
Quad 10 Ohm +/-12V outside-the-rails
Analog Switch with
High Operating Temperature
APPLICATIONS
·
·
·
·
·
·
Down-hole drilling and oil exploration
High temperature avionics
Data bus isolation
Sample-and-Hold circuits
Test Equipment
Communications Systems
PRODUCT OPTIONS
PART TYPE IN1 Switch 1 IN2 Switch 2 IN3 Switch 3 IN4 Switch 4
HI-8200H
0
Open
0
Open
0
Open
0
Open
1
Closed
1
Closed
1
Closed
1
Closed
HI-8201H
0
Closed
0
Closed
0
Closed
0
Closed
1
Open
1
Open
1
Open
1
Open
HI-8202H
0
Open
0
Closed
0
Closed
0
Open
1
Closed
1
Open
1
Open
1
Closed
PIN CONFIGURATIONS (Top Views)
IN1 1
S1A 2
-3
S1B 4
V- 5
GND 6
S4B 7
-8
S4A 9
IN4 10
20 IN2
19 S2A
18 -
17 S2B
16 V+
15 VLOGIC
14 S3B
13 -
12 S3A
11 IN3
HI-8200PSHF
20-Pin TSSOP package


Similar Part No. - HI-8200PSHF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8200PSI HOLTIC-HI-8200PSI Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
HI-8200PSIF HOLTIC-HI-8200PSIF Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
HI-8200PSM HOLTIC-HI-8200PSM Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
HI-8200PSMF HOLTIC-HI-8200PSMF Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
HI-8200PST HOLTIC-HI-8200PST Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
More results

Similar Description - HI-8200PSHF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8200 HOLTIC-HI-8200 Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
logo
Maxim Integrated Produc...
MAX20327 MAXIM-MAX20327 Datasheet
721Kb / 13P
   12V Capable, Low-RON, Beyond-the-Rails??DPDT Analog Switch
19-100268; Rev 0; 6/18
MAX4240 MAXIM-MAX4240 Datasheet
174Kb / 16P
   Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Rev 0; 3/98
MAX14777 MAXIM-MAX14777 Datasheet
862Kb / 16P
   Quad Beyond-the-Rails -15V to 35V Analog Switch
Rev 1; 10/13
logo
Wurth Elektronik GmbH &...
177920514 WURTH-177920514 Datasheet
1Mb / 21P
   Nominal input voltage rails: 5V / 12V / 24V
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
logo
Texas Instruments
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX14661 MAXIM-MAX14661 Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com