Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-3584APQM Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-3584APQM
Description  ARINC 429 3.3V Serial Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3584APQM Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-3584APQM Datasheet HTML 7Page - Holt Integrated Circuits HI-3584APQM Datasheet HTML 8Page - Holt Integrated Circuits HI-3584APQM Datasheet HTML 9Page - Holt Integrated Circuits HI-3584APQM Datasheet HTML 10Page - Holt Integrated Circuits HI-3584APQM Datasheet HTML 11Page - Holt Integrated Circuits HI-3584APQM Datasheet HTML 12Page - Holt Integrated Circuits HI-3584APQM Datasheet HTML 13Page - Holt Integrated Circuits HI-3584APQM Datasheet HTML 14Page - Holt Integrated Circuits HI-3584APQM Datasheet HTML 15Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
LIMITS
PARAMETER
CONDITIONS
UNIT
SYMBOL
Differential Input Voltage:
ONE
V
Common mode voltage
6.5
10.0
13.0
V
(RIN1A to RIN1B, RIN2A to RIN2B)
ZERO
V
less than ±4V with
-13.0
-10.0
-6.5
V
NULL
V
with respect to GND
-2.5
0
2.5
V
Input Resistance:
Differential
R
12
80
K
To GND
R
12
45
K
To V
R
12
45
K
Input Current:
Input Sink
I
200
µA
Input Source
I
-450
µA
Input Capacitance:
Differential
C
20
pF
(Guaranteed but not tested)
To GND
C
20
pF
To V
C
20
pF
Input Voltage:
Input Voltage HI
V
70%
V
Input Voltage LO
V
30%
V
Input Current:
Input Sink
I
1.5
µA
Input Source
I
-1.5
µA
Input Voltage:
Input Voltage HI
V
70%
V
Input Voltage LO
V
30%
V
Input Current:
Input Sink
I
1.5
µA
Input Source
I
-1.5
A
Input Capacitance:
15
pF
(Guaranteed but not tested)
MIN
TYP
MAX
ARINC INPUTS
-
Pins RIN1A, RIN1B, RIN2A, RIN2B
BI-DIRECTIONAL INPUTS - Pins BD00 - BD15
OTHER INPUTS
IH
IL
NUL
I
G
DD
H
IH
IL
I
G
DD
H
IH
IL
IH
IL
IH
IL
IH
IL
W
W
W
(RIN1A to RIN1B, RIN2A to RIN2B)
µ
Pull-down Current (TEST pin)
I
330
µA
Pull-up Current (
pin)
I
-330
µA
C
Output Voltage:
Logic "1" Output Voltage
V
I
= -100µA
V
Logic "0" Output Voltage
V
I
= 1.0mA
V
Output Current:
Output Sink
I
V
= 0.4V
1.6
mA
(All Outputs & Bi-directional Pins)
Output Source
I
V
= V
- 0.4V
-1.0
mA
Output Capacitance:
C
15
pF
VDD
I
3.5
7
mA
DD
DD
PD
PU
I
OH
OH
OL
OL
10%VDD
OL
OUT
OH
OUT
DD
O
DD
RSR
OUTPUTS
Operating Supply Current
VDD - 0.2V
V
= 3.3V, GND = 0V, TA = Operating Temperature Range (unless otherwise specified).
DD
Supply Voltages V
........................................... -0.3V to +4V
Voltage at pins RIN1A, RIN1B, RIN2A, RIN2B ... -120V to +120V
Voltage at any other pin ............................... -0.3V to V
+0.3V
Solder temperature (Reflow) ............................................ 2
DD
DD
60°C
Power Dissipation at 25°C .......................................... 500 mW
DC Current Drain per pin .............................................. ±10mA
Operating Temperature Range (Industrial): .... -40°C to +85°C
(Extended): .. -55°C to +125°C
Storage Temperature Range ........................ -65°C to +150°C
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
HI-3584A
HOLT INTEGRATED CIRCUITS
11


Similar Part No. - HI-3584APQM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3584 HOLTIC-HI-3584 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584CJI HOLTIC-HI-3584CJI Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584CJI-10 HOLTIC-HI-3584CJI-10 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584CJIF HOLTIC-HI-3584CJIF Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results

Similar Description - HI-3584APQM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584 Datasheet
313Kb / 15P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com