Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8200CRH Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8200CRH
Description  Quad 10 Ohm 12V outside-the-rails
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8200CRH Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8200CRH Datasheet HTML 1Page - Holt Integrated Circuits HI-8200CRH Datasheet HTML 2Page - Holt Integrated Circuits HI-8200CRH Datasheet HTML 3Page - Holt Integrated Circuits HI-8200CRH Datasheet HTML 4Page - Holt Integrated Circuits HI-8200CRH Datasheet HTML 5Page - Holt Integrated Circuits HI-8200CRH Datasheet HTML 6Page - Holt Integrated Circuits HI-8200CRH Datasheet HTML 7Page - Holt Integrated Circuits HI-8200CRH Datasheet HTML 8Page - Holt Integrated Circuits HI-8200CRH Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HOLT INTEGRATED CIRCUITS
4
Figure 1 - On Resistance
Figure 3. Switching Times
V
(HI-8201)
IN
VOUT
V
(HI-8200)
IN
50%
50%
t ON
t OFF
50%
90%
TEST CIRCUITS
HI-8200H, HI-8201H, HI-8202H
+
-
VS
IDS
R= V /I
ON
1 DS
V1
Figure 2 - Off Leakage
+
-
VS
I (OFF)
S
VD
AA
-
+
I (OFF)
D
+
-
VS
35pF
300
W
+3.3V
VLOGIC
V+
V-
GND
0.1 F
µ
VOUT
SA
SB
SA
SB
SA
SB
IN
50%
50%
Figure 4. Break-Before-Make Time Delay (HI-8202H)
35pF
300
W
+3.3V
VLOGIC
V+
V-
GND
0.1 F
µ
VOUT1
S1A
S1B
IN
S2A
S2B
VS1
VS2
VOUT2
300
W
35pF
VIN
VOUT1
3.3V
0V
50%
50%
VOUT2
50%
90%
t D
t D
50%
90%
0.1 F (20V)
µ
0.1 F (20V)
µ
0.1 F (20V)
µ
0.1 F (20V)
µ


Similar Part No. - HI-8200CRH

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8200 HOLTIC-HI-8200 Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
HI-8200PCI HOLTIC-HI-8200PCI Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
HI-8200PCIF HOLTIC-HI-8200PCIF Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
HI-8200PCM HOLTIC-HI-8200PCM Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
HI-8200PCMF HOLTIC-HI-8200PCMF Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
More results

Similar Description - HI-8200CRH

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8200 HOLTIC-HI-8200 Datasheet
83Kb / 10P
   Quad 10 Ohm 12V outside-the-rails Analog Switch with
logo
Maxim Integrated Produc...
MAX20327 MAXIM-MAX20327 Datasheet
721Kb / 13P
   12V Capable, Low-RON, Beyond-the-Rails??DPDT Analog Switch
19-100268; Rev 0; 6/18
MAX4240 MAXIM-MAX4240 Datasheet
174Kb / 16P
   Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
Rev 0; 3/98
MAX14777 MAXIM-MAX14777 Datasheet
862Kb / 16P
   Quad Beyond-the-Rails -15V to 35V Analog Switch
Rev 1; 10/13
logo
Wurth Elektronik GmbH &...
177920514 WURTH-177920514 Datasheet
1Mb / 21P
   Nominal input voltage rails: 5V / 12V / 24V
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
371Kb / 12P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
logo
Texas Instruments
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX14661 MAXIM-MAX14661 Datasheet
1Mb / 27P
   Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com