Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8201PCM Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-8201PCM
Description  Quad 10 Ohm 12V outside-the-rails Analog Switch with
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8201PCM Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-8201PCM Datasheet HTML 2Page - Holt Integrated Circuits HI-8201PCM Datasheet HTML 3Page - Holt Integrated Circuits HI-8201PCM Datasheet HTML 4Page - Holt Integrated Circuits HI-8201PCM Datasheet HTML 5Page - Holt Integrated Circuits HI-8201PCM Datasheet HTML 6Page - Holt Integrated Circuits HI-8201PCM Datasheet HTML 7Page - Holt Integrated Circuits HI-8201PCM Datasheet HTML 8Page - Holt Integrated Circuits HI-8201PCM Datasheet HTML 9Page - Holt Integrated Circuits HI-8201PCM Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HOLT INTEGRATED CIRCUITS
9
HI-8200 PACKAGE DIMENSIONS
16-PIN PLASTIC CHIP-SCALE PACKAGE
millimeters
Package Type: 16PCS1
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
Top View
Bottom
View
Electrically isolated metal
heat sink on bottom of
package
Connect to any ground or
power plane for optimum
thermal dissipation
5.00 ± 0.05
(0.197 ± 0.002)
3.38 ± 0.05
(0.133 ± 0.002)
0.75 ± 0.05
(0.03 ± 0.002)
0.025 ± 0.025
(0.001 ± 0.001)
0.203
(0.008)
REF.
0.80
(0.031) BSC
0.30
0.012
± 0.05
(
± 0.002)
.50 ± 0.05
(0.020 ± 0.002)
0.20
(0.008)
min.
inches (millimeters)
Package Type: 20HS
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
20-PIN PLASTIC TSSOP
0° to 8°
Pin 1
.0095 ± .0025
(.245 ± .055)
.2555 ± .0035
(6.500 ± .100)
.173 ± .004
(4.400 ± .100)
.006 ± .002
(.145 ± .055)
.036 ± .005
(.925 ± .125)
.004 ± .002
(.100 ± .050)
.018 - .029
(.450 - .750)
.252 ± .006
(6.400 ± .150)
Detail A
See Detail A
.026
(.650)
BSC


Similar Part No. - HI-8201PCM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8201PSHF HOLTIC-HI-8201PSHF Datasheet
76Kb / 9P
   Quad 10 Ohm 12V outside-the-rails
More results

Similar Description - HI-8201PCM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8200H HOLTIC-HI-8200H Datasheet
76Kb / 9P
   Quad 10 Ohm 12V outside-the-rails
logo
Maxim Integrated Produc...
MAX20327 MAXIM-MAX20327 Datasheet
721Kb / 13P
   12V Capable, Low-RON, Beyond-the-Rails??DPDT Analog Switch
19-100268; Rev 0; 6/18
MAX14777 MAXIM-MAX14777 Datasheet
862Kb / 16P
   Quad Beyond-the-Rails -15V to 35V Analog Switch
Rev 1; 10/13
logo
Texas Instruments
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
logo
Texas Instruments
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com