Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10GBU20-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # S10GBU20-C
Description  Voltage 200V ~800V 100Amp Glass Passivited Bridge Rectifers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S10GBU20-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  S10GBU20-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S10GBU20-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S10GBU20-C ~ S10GBU80-C
Voltage 200V ~ 800V
10.0Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
29-Jun-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
FEATURES
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has Underwriters Laboratory
flammability classification 94V-0
Mounting position: Any
These are Halogen & Pb Free components
This series is UL recognized under Component Index,
file number E255340
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
S10GBU20-C
S10GBU40-C
S10GBU60-C
S10GBU80-C
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
V
Average Rectified
Output Current @50HZ
sine wave, R-load
TC=100°C
(with heat sink)
IO
10
A
TA=25°C
(without heat sink)
3.6
Peak Forward Surge Current @
50HZ sine wave, 1 cycle, TA=25°C
IFSM
200
A
Maximum Peak Forward Voltage
3
VFM
1.1
V
Peak Reverse Current
2
IRRM
5
µA
I
2t Rating for Fusing @1ms≤t<10ms,
TJ=25°C,Rating of per diode
I
2t
166
A
2s
Mounting Torque @ Recommend
torque:5kg·cm
TOR
8
Kg‧cm
Dielectric Strength
1
Vdis
2
kV
Typical Thermal Resistance (with heat sink)
RθJC
4.8
°C/W
Typical Thermal Resistance(without heat sink)
RθJA
21
°C/W
Typical Thermal Resistance(without heat sink)
RθJL
4
°C/W
Operating and Storage temperature range
TJ,TSTG
150, -40~150
°C
Notes:
1.
Terminals to case,AC 1 minute
2.
VRM=VRRM, Pulse measurement, Rating of per diode.
3.
IFM=10.0A, Pulse measurement, Rating of per diode
GBU
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
21.7
22.3
I
1.8
2.2
B
18.2
18.8
J
1.8
2.2
C
3.15
3.55
K
0.4
0.6
D
17.5
18.5
L
9.9
10.1
E
1.8
2.2
M
5.2
5.8
F
0.9
1.2
N
3.3
3.8
G
3.4
3.8
P
3 × 45°
H
5
5.2


Similar Part No. - S10GBU20-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S10GBU20-C SECOS-S10GBU20-C Datasheet
225Kb / 2P
   10.0Amp Glass Passivited Bridge Rectifiers
S10GBU20-C SECOS-S10GBU20-C_18 Datasheet
225Kb / 2P
   10.0Amp Glass Passivited Bridge Rectifiers
More results

Similar Description - S10GBU20-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2GVB20-C SECOS-S2GVB20-C Datasheet
208Kb / 2P
   Voltage 200V ~800V 2 Amp Glass Passivited Bridge Rectifers
S25GBJ20-C SECOS-S25GBJ20-C Datasheet
216Kb / 2P
   Voltage 200V ~800V 25.0Amp Glass Passivited Bridge Rectifiers
S20GBJ20-C SECOS-S20GBJ20-C Datasheet
218Kb / 2P
   Voltage 200V ~800V 20.0Amp Glass Passivited Bridge Rectifiers
S15GBU20-C SECOS-S15GBU20-C Datasheet
227Kb / 2P
   Voltage 200V ~800V 15.0Amp Glass passivited Bridge Rectifiers
S2GBP20-C SECOS-S2GBP20-C Datasheet
224Kb / 2P
   Voltage 200V ~800V 2.0 Amp Glass Passivited Bridge Rectifres
S1GVB20-C SECOS-S1GVB20-C Datasheet
204Kb / 2P
   Voltage 200V ~ 800V 1.0 Amp Glass Passivited Bridge Rectifiers
S2GBL20-C SECOS-S2GBL20-C Datasheet
197Kb / 2P
   Voltge 200V~800V2.0 Amp Glass Passivited Bridge Rectifiers
S4GBU20-C SECOS-S4GBU20-C_18 Datasheet
234Kb / 2P
   4.0Amp Glass Passivited Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
GBU10005 YIXIN-GBU10005 Datasheet
865Kb / 2P
   10.0Amp Glass Passivited Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBU10005 SECOS-GBU10005 Datasheet
704Kb / 2P
   Voltage 50V ~ 1000V 10.0Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com