Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8431PQI Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8431PQI
Description  8-Channel, Ground /Open, or Supply / Open Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8431PQI Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8431PQI Datasheet HTML 1Page - Holt Integrated Circuits HI-8431PQI Datasheet HTML 2Page - Holt Integrated Circuits HI-8431PQI Datasheet HTML 3Page - Holt Integrated Circuits HI-8431PQI Datasheet HTML 4Page - Holt Integrated Circuits HI-8431PQI Datasheet HTML 5Page - Holt Integrated Circuits HI-8431PQI Datasheet HTML 6Page - Holt Integrated Circuits HI-8431PQI Datasheet HTML 7Page - Holt Integrated Circuits HI-8431PQI Datasheet HTML 8Page - Holt Integrated Circuits HI-8431PQI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
FUNCTIONAL DESCRIPTION
HOLT INTEGRATED CIRCUITS
4
SENSING
For GND/Open sensing, the SNS_SEL pin is connected to
GND Referring to the Block Diagram, Figure 2, this selection
will connect a 3.3K
pull-up resistor through a diode to
VLOGIC
These resistors give extra noise immunity for detecting the
open state while providing relay wetting current. Configuring
Ω
HI-8430 (40 pin version) - THRESHOLD SELECT
The HI-8430 offers a choice between internally fixed
thresholds or external thresholds provided by the user.
The 8 Sense Channels can be configured to meet the
requirements of a variety of conditions and applications.
Table 1 summarizes basic function selection and Table 2
gives more details on possible threshold values.
and a 23.8K
resistor through 3 diodes to VWET.
hysteresis levels.
For applications that can take advantage of the very small 32
pin chip scale package of the HI-8431,
is not
available and an internal pull-up makes it mandatory to
supply HI_SET and LO_SET externally.
For correct operation, the V
when open, must be
higher than
so SO_n will be low.
In the case of 3.3V VLOGIC operation, VWET
be connected to a supply greater than (1.3 x VTHI + 2.25V)
to fulfill the above condition. In the case of 5V operation, the
above condition may be satisfied with VWET left open (see
table 2). In this case, the input floats to V
=
he standard “Open” signal as characterized by a
resistance of 100K
or more with respect to signal common.
The user should consider this 100K
to ground case when
setting the thresholds.
Ω
Ω
Ω
The high
threshold, V
, and the low threshold, V
levels may be
found in Table 2.
V
VLOGIC -
0.75V.
Various ARINC standards such as ARINC 763
define t
THI
TLO
SENSE_n
THI
HI-8431 (32 pin version) THRESHOLD SELECT
THS_SEL
OPEN INPUT VOLTAGE
NOTE 1:
NOTE 2:
must
SENSE_n
GND/OPEN SENSING
.
, HI_SET/LO_SET and VWET as described below
sets the window comparator thresholds, V
and V
, the
input voltage when open, and the input current.
is
equal to 10X the voltage on the HI_SET pin.
is equal to
10X the voltage on the LO_SET pin. This mode allows the
user complete flexibility to define the thresholds and
THS_SEL
THI
TLO
With
set to GND, the window comparator
thresholds are fixed based on an internal reference.
When the internal references are used the
HI_SET and LO_SET pins should be connected to GND.
For applications with either large GND offsets or thresholds
higher than VLOGIC - 0.75V,
is set high and the
thresholds are set externally, for example by a simple
resistor divider off the VLOGIC supply. In this case V
V
THS_SEL
THS_SEL
THI
TLO
WETTING CURRENT
THRESHOLD SELECT
WETTING CURRENT
For GND/Open applications with VWET open, the wetting
current with the input voltage at GND is simply (VLOGIC -
0.75)/3.3K. When applying a voltage at the VWET pin the
wetting current is (VLOGIC - 0.75)/3.3K + (VWET -
4.2)/127K. Additional wetting current can be achieved by
placing an external resistor and a diode between VWET
and the individual sense inputs.
The 8 Sense Channels can be configured to sense
Supply/Open by connecting the SNSE_SEL pin to
VLOGIC. Refering to Figure 2, a 32K
resistor is switched
in series to provide a pull down in addition to the 400K
of
the comparator input divider to GND. Similar to the
GND/Open case configuring
, HI_SET/LO_SET
and VWET as described below sets the window compara-
tor thresholds, the open input voltage when open and the
wetting current.
The threshold selections are handled in the same way as
stated above for the GND/OPEN case.
For
set low, the internal reference nominally
sets the window comparator. See table 2 for the
For
set high, the final thresholds are 10X the
voltage set on the HI_SET and LO_SET pins.
For the Supply/Open case the wetting current into the
sense input is the current sunk by the effective 28K
to
GND. For V
= 28V, I
is 1ma. See Figure 12.
SUPPLY/OPEN SENSING
Ω
Ω
Ω
THS_SEL
THS_SEL
THS_SEL
V
and
V
threshold levels.
THI
TLO
SENSE_n
WET
The VWET
pin must be left open in the Supply/Open sensing case.
SENSE_n
SNSE_SEL
OE
SO_n
Open or > VTHI
L
(GND/OPEN)
L
L
< VTLO
L
(GND/OPEN)
L
H
X
L
(GND/OPEN)
H
Z
Open or < VTLO
H
(V+/OPEN)
L
H
> VTHI
H
(V+/OPEN)
L
L
X
H
(V+/OPEN)
H
Z
H = VLOGIC, L = GND, Z = Hi-Z, X = Don’t Care, V+ = V
See Table 2 for values of VTHI/VTLO
SUPPLY
HI-8430, HI-8431
Table 1. Function Table


Similar Part No. - HI-8431PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8435 HOLTIC-HI-8435 Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8435PCI HOLTIC-HI-8435PCI Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8435PCIF HOLTIC-HI-8435PCIF Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8435PCT HOLTIC-HI-8435PCT Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
More results

Similar Description - HI-8431PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8425 HOLTIC-HI-8425 Datasheet
280Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8435 HOLTIC-HI-8435 Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436 Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8429 HOLTIC-HI-8429_17 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI-8429_1511 HOLTIC-HI-8429_1511 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
QSG-8429 HOLTIC-QSG-8429 Datasheet
718Kb / 19P
   HI??429 Eight Sensor Array with Ground/Open or Supply/Open and SPI interface.
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com