Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8425PCTF Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-8425PCTF
Description  8-Channel, Ground /Open, or Supply / Open Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8425PCTF Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-8425PCTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8425PCTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8425PCTF Datasheet HTML 9Page - Holt Integrated Circuits HI-8425PCTF Datasheet HTML 10Page - Holt Integrated Circuits HI-8425PCTF Datasheet HTML 11Page - Holt Integrated Circuits HI-8425PCTF Datasheet HTML 12Page - Holt Integrated Circuits HI-8425PCTF Datasheet HTML 13Page - Holt Integrated Circuits HI-8425PCTF Datasheet HTML 14Page - Holt Integrated Circuits HI-8425PCTF Datasheet HTML 15Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
HOLT INTEGRATED CIRCUITS
11
D.C. ELECTRICAL CHARACTERISTICS (cont)
VDD = 3.3V or 5V, GND = 0V, T = Operating Temperature Range (unless otherwise specified).
A
LOGIC INPUTS
Input Voltage
VIH
Input Voltage HI
80%
VLOGIC
VIL
Input Votage LO
20%
VLOG C
I
Input Current,
, DSEL_n
OE
ISINK
V
= VLOGIC, 30K
pull down
IN
Ω
125
μA
ISOURCE
V
= GND
IN
0.1
μA
Input Current, THS_SEL
ISINK
V
= VLOGIC
IN
0.1
μA
ISOURCE
V
= GND , 30K
pull up
IN
Ω
μA
Input Current, SNSE_SEL
ISINK
V
= VLOGIC
IN
0.1
μA
ISOURCE
V
= GND,
IN
0.1
μA
125
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
DISCRETE INPUTS
SENSE GND/OPEN
Resistance in series with diode to VLOGIC
RIN
3.3
Resistance in series with diode to VWET
RW
23.8
Case 1:
= GND
THS_SEL
Internal Threshold Mode
Ground State Input Voltage
VGS
Input voltage to give High output
1.0
V
Open State Input Voltage
VOS
Input voltage to give Low output
VDD = 5.5V
VDD = 3.0V
V
Input Current at 0V
IIN28
V = 0V, VDD = 3.0V
V = 0V, VDD = 5.5V
IN
IN
-0.65
-1.65
mA
mA
Hysteresis
VHY
0.15
V
Case 2:
= Open or VLOGIC
THS_SEL
HI_SET/LO_SET pins set Thresholds
HI_SET Threshold Range
VHR
0.4
2.2
V
LO_SET Threshold Range
VLR
0.3
2.1
V
Min Threshold Window
VTHW
HI_SET > LO_SET
0.1
V
10:1 Division Accuracy
As measured by Sense Output Change
3.75
2.5
HI-8425, HI-8426
LO Threshold is set to LO_SET X 10
HI Threshold is set to HI_SET X 10
V
+ 0.5
HR
V
V
- 0.5
LR


Similar Part No. - HI-8425PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
More results

Similar Description - HI-8425PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430 Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8435 HOLTIC-HI-8435 Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436 Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8429 HOLTIC-HI-8429_17 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI-8429_1511 HOLTIC-HI-8429_1511 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
QSG-8429 HOLTIC-QSG-8429 Datasheet
718Kb / 19P
   HI??429 Eight Sensor Array with Ground/Open or Supply/Open and SPI interface.
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com