Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591-3404-113F Datasheet(PDF) 5 Page - Dialight Corporation

Part # 591-3404-113F
Description  Surface Mount LED Selector Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-3404-113F Datasheet(HTML) 5 Page - Dialight Corporation

  591-3404-113F Datasheet HTML 1Page - Dialight Corporation 591-3404-113F Datasheet HTML 2Page - Dialight Corporation 591-3404-113F Datasheet HTML 3Page - Dialight Corporation 591-3404-113F Datasheet HTML 4Page - Dialight Corporation 591-3404-113F Datasheet HTML 5Page - Dialight Corporation 591-3404-113F Datasheet HTML 6Page - Dialight Corporation 591-3404-113F Datasheet HTML 7Page - Dialight Corporation 591-3404-113F Datasheet HTML 8Page - Dialight Corporation 591-3404-113F Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
593 Series Prism
®
CBI
®
Tri-Level Surface Mount LED
Specifications
Order Code
593- XX XX XX -0 XX F
Color Pos. 1
Package Options
Color Pos. 2
Color Field
Operating Characteristics
Color
Code
Color
Material
Feature
Test
Condition
Vf Typ
(Volts)
Typ Luminous
Intensity (mcd) If = 20mA
Typ Dom
Wavelength (nm)
20
Red
AlInGaP
Hi. Efficiency
If = 10mA
2.0
6.0
628
21
Red
AlGaAs
-----
If = 10mA
1.75
29.0
645
22
Green
AlInGaP
Hi. Intensity
If = 10mA
2.0
16.0
570
23
Green
AlInGaP
-----
If = 10mA
2.0
11.0
570
24
Yellow
GaAsP/GaP
-----
If = 10mA
2.0
11.0
587
26
Blue
InGaN
-----
If = 10mA
3.5
7.0
465
27
Yellow
AlInGaP
-----
If = 10mA
2.0
80.0
587
28
White
InGaN
-----
If = 10mA
3.1
85.0
x .33
y .33
29
Green
InGaN
-----
If = 20mA
3.4
150.0
525
30
R/G
GaAsP
-----
If = 10mA
2.0/2.0
7/10
628/570
31
Y/G
GaAsP/GaP
-----
If = 10mA
2.0/2.0
6/10
590/570
32
R/Y
AlGaP/AlGaP
-----
If = 20mA
2.0/2.0
45/70
633/587
35
R/G/B
AlInGaP/InGaN
-----
If = 20mA
1.9/3.4/3.4
35/70/20
626/525/470
Color Pos. 3
HOUSING SURFACE PERMITTED
TO BE .007 [0,17] MAX ABOVE
SURFACE ‘A’ LED LEADS
HOUSING SURFACE PERMITTED
TO BE .004 [0,1] MAX ABOVE
SURFACE ‘A’ LED LEADS
.170
[4,32]
.633
[16,08]
.200
[5,08]
.200
[5,08]
.100
[2,54]
.027
[0,69]
TYP
.025
[0,64]
.738
[18,73]
.105
[2,67]
POS 1
POS 2
POS 3
.785
[19,94]
CATHODE I.D.
(ANGLED SURFACE)
.040
[1,02]
.594
[15,07]
Ø.040
+.000
- .003
[1,02+0,00]
- 0,07
.225
[5,72]
PIN 2
2
1
1
2
.225
[5,72]
.160
[4,06]
.750 [19,05]
SINGLE COLOR LED
.100
[2,54]
Ø.040
+.000
- .003
[1,02+0,00]
- 0,07
1
.225
[5,72]
PIN 2
2
1
.225
[5,72]
1
1
2
.100
[2,54]
4
3
3
3
4
.160
[4,06]
.750
[19,05]
BI-COLOR LED & TRI-COLOR LED
.738 + .002
[18,73+ 0,05]
.143 + .002
[3,63+ 0,05]
.149 + .002
[3,77+ 0,05]
.161 REF
[4,09]
.225 REF
[5,72]
.225 REF
[5,72]
.065
[1,65]
.175
[4,45]
POS 1
POS 2
POS 3
.095
[2,41]
Ø.043 + .002
[1,09+ 0,05]
TYP
.100 + .002
[2,54+ 0,05]
PIN 1 = CATHODE; PIN 2 = ANODE
www.dialight.com
Pad Layouts
RoHS Compliant
.149 REF
[3,77]
.059
[1,5]
.143 + .002
[3,63+ 0,05]
.225 REF
[5,72]
.738 + .002
[18,73+ 0,05]
.225 REF
[5,72]
.0885 REF
[2,248]
.100 + .002
[2,54+ 0,05]
Ø.043 + .002
[1,09+ 0,05]
TYP
POS 1
POS 2
POS 3
.177
[4,5]
.043
[1,09]
.102
[2,59]
FOR MULTI-COLOR LED PIN REFERENCES, SEE TABLE
RECOMMENDED PAD LAYOUT - SINGLE COLOR
RECOMMENDED PAD LAYOUT - MULTI - COLOR
MULTI-COLOR LED PIN REFERENCES
Led Color
PIN 1
PIN 2
PIN 3
PIN 4
R/Y BI-COLOR
RED CATHODE
RED ANODE
YELLOW ANODE YELLOW CATHODE
Y/G BI-COLOR
YELLOW CATHODE
YELLOW ANODE
GREEN ANODE
GREEN CATHODE
R/G BI-COLOR
RED CATHODE
RED ANODE
GREEN ANODE
GREEN CATHODE
R/G/B BI-COLOR
RED CATHODE
COMMON ANODE GREEN CATHODE
BLUE CATHODE
5
Packaging Type
Packaging Code
Packaging
02
5 piece strip
13
13" Reel


Similar Part No. - 591-3404-113F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-3404-113 DIALIGHT-591-3404-113 Datasheet
1Mb / 16P
   Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
More results

Similar Description - 591-3404-113F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
Dialight Corporation
553-0177F DIALIGHT-553-0177F Datasheet
640Kb / 16P
   CBI LED Circuit Board Indicator Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com