Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-8426PCTF Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8426PCTF
Description  8-Channel, Ground /Open, or Supply / Open Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8426PCTF Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8426PCTF Datasheet HTML 1Page - Holt Integrated Circuits HI-8426PCTF Datasheet HTML 2Page - Holt Integrated Circuits HI-8426PCTF Datasheet HTML 3Page - Holt Integrated Circuits HI-8426PCTF Datasheet HTML 4Page - Holt Integrated Circuits HI-8426PCTF Datasheet HTML 5Page - Holt Integrated Circuits HI-8426PCTF Datasheet HTML 6Page - Holt Integrated Circuits HI-8426PCTF Datasheet HTML 7Page - Holt Integrated Circuits HI-8426PCTF Datasheet HTML 8Page - Holt Integrated Circuits HI-8426PCTF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
HOLT INTEGRATED CIRCUITS
3
SYMBOL
FUNCTION
DESCRIPTION
VWET
Supply
Optional input to supply relay wetting current to sense lines in GND/Open operation
50K
to GND
SENSE0
Discrete Input
Discrete input 0. If SNSE_SEL = 0 pin senses GND/Open. If SNSE_SEL = 1, senses SUPPLY/Open
SO_1
SO_2
SO_3
S
S
S
S
Ω
SENSE1
Discrete Input
Discrete input 1. If SNSE_SEL = 0 pin senses GND/Open. If SNSE_SEL = 1, senses SUPPLY/Open
SENSE2
Discrete Input
Discrete input 2. If SNSE_SEL = 0 pin senses GND/Open. If SNSE_SEL = 1, senses SUPPLY/Open
SENSE3
Discrete Input
Discrete input 3. If SNSE_SEL = 0 pin senses GND/Open. If SNSE_SEL = 1, senses SUPPLY/Open
SENSE4
Discrete Input
Discrete input 4. If SNSE_SEL = 0 pin senses GND/Open. If SNSE_SEL = 1, senses SUPPLY/Open
SENSE5
Discrete Input
Discrete input 5. If SNSE_SEL = 0 pin senses GND/Open. If SNSE_SEL = 1, senses SUPPLY/Open
SENSE6
Discrete Input
Discrete input 6. If SNSE_SEL = 0 pin senses GND/Open. If SNSE_SEL = 1, senses SUPPLY/Open
SENSE7
Discrete Input
Discrete input 7. If SNSE_SEL = 0 pin senses GND/Open. If SNSE_SEL = 1, senses SUPPLY/Open
Digital Input
If High, SO_n and fault outputs are high-impedance.
has internal 30K
pull-down resistor
SO_0
Digital output
High if SNSE_SEL=0 and SENSE0 <
or Low if SNSE_SEL=1 and SENSE0 >
Digital output
Digital output
Digital output
O_4
Digital output
O_5
Digital output
O_6
Digital output
O_7
Digital output
FAULT_3
Digital output
High if Driver 3 is attempting to sink excess current
DRV_3
Switch Output
Drain node of Ground switch driver 3
GND
Supply
Ground for logic and
DRV_2
DRV_1
DRV_0
DSEL_3
Digital Input
When high, turns on Driver 3. DSEL_3 has an internal 30K
pull-down resistor
VLOGIC
Supply
Logic supply. (3.0V - 5.5V)
OE
OE
Ω
Ω
V,
V
High if SNSE_SEL=0 and SENSE1 < V
, or Low if SNSE_SEL=1 and SENSE1 > V
High if SNSE_SEL=0 and SENSE2 < V
, or Low if SNSE_SEL=1 and SENSE2 > V
High if SNSE_SEL=0 and SENSE3 < V
, or Low if SNSE_SEL=1 and SENSE3 > V
High if SNSE_SEL=0 and SENSE4 < V
, or Low if SNSE_SEL=1 and SENSE4 > V
High if SNSE_SEL=0 and SENSE5 < V
, or Low if SNSE_SEL=1 and SENSE5 > V
High if SNSE_SEL=0 and SENSE6 < V
, or Low if SNSE_SEL=1 and SENSE6 > V
High if SNSE_SEL=0 and SENSE7 < V
, or Low if SNSE_SEL=1 and SENSE7 > V
Analog Ground return for DRV0-3. GND pin and the isolated backside pad should
be grounded for optimum performance and power dissipation.
Switch Output
Drain node of Ground switch driver 2
FAULT_2
Digital output
High if Driver 2 is attempting to sink excess current
FAULT_1
Digital output
High if Driver 1 is attempting to sink excess current
Switch Output
Drain node of Ground switch driver 1
Switch Output
Drain node of Ground switch driver 0
FAULT_0
Digital output
High if Driver 0 is attempting to sink excess current
DSEL_2
Digital Input
When high, turns on Driver 2. DSEL_2 has an internal 30K
pull-down resistor
DSEL_1
Digital Input
When high, turns on Driver 1. DSEL_1 has an internal 30K
pull-down resistor
DSEL_0
Digital Input
When high, turns on Driver 0. DSEL_0 has an internal 30K
pull-down resistor
FAULT_OR Digital Output
High if any Driver is attempting to sink excess current
SNSE_SEL
Digital Input
If Low, SENSE pins are sensing Open/Gnd. If High, SENSE pins sense SUPPLY/Open
LO_SET
Analog input
If
is High, this pin sets the lower window comparator threshold
HI_SET
Analog input
If
is High, this pin sets the upper window comparator threshold
Digital Input
If
is Low, comparator thresholds are set internally.
has an internal 30K
pull-up
LO
HI
LO
HI
LO
HI
LO
HI
LO
HI
LO
HI
LO
HI
LO
HI
Ω
Ω
Ω
Ω
THS_SEL
THS_SEL
THS_SEL
THS_SEL
THS_SEL
PIN DESCRIPTIONS
HI-8425, HI-8426


Similar Part No. - HI-8426PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8420 HOLTIC-HI-8420 Datasheet
156Kb / 4P
   Six-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
HI-8420 HOLTIC-HI-8420 Datasheet
69Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface
HI-8420PSI HOLTIC-HI-8420PSI Datasheet
156Kb / 4P
   Six-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
HI-8420PSIF HOLTIC-HI-8420PSIF Datasheet
69Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface
HI-8420PST HOLTIC-HI-8420PST Datasheet
156Kb / 4P
   Six-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
More results

Similar Description - HI-8426PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8425 HOLTIC-HI-8425_16 Datasheet
283Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430_15 Datasheet
286Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8430 HOLTIC-HI-8430 Datasheet
289Kb / 18P
   8-Channel, Ground /Open, or Supply / Open Sensor
HI-8435 HOLTIC-HI-8435 Datasheet
220Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436 Datasheet
209Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8436 HOLTIC-HI-8436_16 Datasheet
213Kb / 21P
   32-Channel Ground/Open or Supply/Open
HI-8429 HOLTIC-HI-8429_17 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI-8429_1511 HOLTIC-HI-8429_1511 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
QSG-8429 HOLTIC-QSG-8429 Datasheet
718Kb / 19P
   HI??429 Eight Sensor Array with Ground/Open or Supply/Open and SPI interface.
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com