Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA3031 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BGA3031
Description  DOCSIS 3.0 upstream amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA3031 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BGA3031 Datasheet HTML 6Page - NXP Semiconductors BGA3031 Datasheet HTML 7Page - NXP Semiconductors BGA3031 Datasheet HTML 8Page - NXP Semiconductors BGA3031 Datasheet HTML 9Page - NXP Semiconductors BGA3031 Datasheet HTML 10Page - NXP Semiconductors BGA3031 Datasheet HTML 11Page - NXP Semiconductors BGA3031 Datasheet HTML 12Page - NXP Semiconductors BGA3031 Datasheet HTML 13Page - NXP Semiconductors BGA3031 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
BGA3031
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 15 August 2013
10 of 19
NXP Semiconductors
BGA3031
DOCSIS 3.0 upstream amplifier
13.2 Graphs
Table 12.
List of components
For application diagram, see Figure 4.
Component
Description
Value
Size
Supplier: Part No.
C1, C2, C3, C4
capacitor
10 nF
SMD 0603
C5
capacitor
100 nF
SMD 0603
C6
capacitor
10
F
SMD 1206
R1, R6
resistor
0
SMD 0603
R2, R3
resistor
0
SMD 0805
R4, R5
resistor
4.7
SMD 0603
R7
resistor
43.3
SMD 0603
R8
resistor
86.6
SMD 0603
T1
input balun
-
-
TOKO: #617DB-1714
T2
output balun
-
-
M/A-COM: MABA-009572-CF18A0
X1
2-pin header
-
-
X2, X3
SMA connector
-
-
X4
10-pin header
-
-
FCI: Minitek
VCC = 5 V; current setting = 3; Tcase = 25 C;
Pi =30dBmV.
(1) f = 5 MHz
(2) f = 42 MHz
(3) f = 85 MHz
VCC = 5 V; current setting = 3; Tcase = 25 C;
Pi =30 dBmV.
(1) gain setting = 5
(2) gain setting = 20
(3) gain setting = 36
(4) gain setting = 50
(5) gain setting = 63
Fig 5.
Voltage gain as a function of gain setting;
typical values
Fig 6.
Voltage gain as a function of frequency;
typical values


Similar Part No. - BGA3031

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 NXP-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3015 NXP-BGA3015 Datasheet
151Kb / 15P
   1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
BGA3015 PHILIPS-BGA3015_15 Datasheet
151Kb / 15P
   1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
More results

Similar Description - BGA3031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3518ETPT MAXIM-MAX3518ETPT Datasheet
455Kb / 9P
   DOCSIS 3.0 Upstream Amplifier
Rev 0; 2/09
MAX3519 MAXIM-MAX3519 Datasheet
767Kb / 12P
   DOCSIS 3.0 Upstream Amplifier
19-7344; Rev 1; 1/16
logo
NXP Semiconductors
BGA3131 NXP-BGA3131 Datasheet
544Kb / 26P
   DOCSIS 3.1 upstream amplifier
Rev. 1-13 May 2016
logo
TriQuint Semiconductor
TAT2814A1L TRIQUINT-TAT2814A1L_15 Datasheet
711Kb / 12P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
TAT2814A TRIQUINT-TAT2814A Datasheet
720Kb / 11P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
logo
List of Unclassifed Man...
MT1550 ETC1-MT1550 Datasheet
131Kb / 2P
   UPSTREAM AMPLIFIER
MT1530 ETC1-MT1530 Datasheet
437Kb / 14P
   UPSTREAM AMPLIFIER
logo
RF Micro Devices
S518324-44Z RFMD-S518324-44Z Datasheet
162Kb / 7P
   UPSTREAM CATV AMPLIFIER
logo
Maxim Integrated Produc...
MAX3509 MAXIM-MAX3509 Datasheet
216Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/00
MAX3510 MAXIM-MAX3510_07 Datasheet
151Kb / 12P
   Upstream CATV Amplifier
Rev 4; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com