Electronic Components Datasheet Search |
|
BLF8G20LS-400PV Datasheet(PDF) 1 Page - NXP Semiconductors |
|
BLF8G20LS-400PV Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 20 page 1. Product profile 1.1 General description 400 W LDMOS power transistor with improved video bandwidth for base station applications at frequencies from 1805 MHz to 1995 MHz. [1] Test signal: 3GPP test model 1; 64 DPCH; PAR = 7.5 dB at 0.01 % probability on CCDF; carrier spacing = 5 MHz; f1 = 1807.5 MHz; f2 = 1812.5 MHz; f3 = 1872.5 MHz; f4 = 1877.5 MHz. 1.2 Features and benefits Decoupling leads to enable improved Video BandWidth (VBW) (120 MHz typical) High efficiency Low Rth providing excellent thermal stability Designed for broadband operation Lower output capacitance for improved performance in Doherty applications Designed for low memory effects providing excellent pre-distortability Internally matched for ease of use Integrated ESD protection Design optimized for gull-wing Excellent ruggedness Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances (RoHS) 1.3 Applications RF power amplifiers for base stations and multi carrier applications in the 1805 MHz to 1995 MHz frequency range BLF8G20LS-400PV; BLF8G20LS-400PGV Power LDMOS transistor Rev. 1 — 25 June 2013 Product data sheet Table 1. Typical performance Typical RF performance at Tcase = 25 C in a common source class-AB production test circuit, tested on straight lead device. Test signal f IDq VDS PL(AV) Gp D ACPR5M (MHz) (mA) (V) (W) (dB) (%) (dBc) 2-carrier W-CDMA 1805 to 1995 3400 28 95 19 28 33 [1] |
Similar Part No. - BLF8G20LS-400PV |
|
Similar Description - BLF8G20LS-400PV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |